Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4S2456 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R4S2456
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
Download  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R4S2456 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R4S2456 Datasheet HTML 2Page - Renesas Technology Corp R4S2456 Datasheet HTML 3Page - Renesas Technology Corp R4S2456 Datasheet HTML 4Page - Renesas Technology Corp R4S2456 Datasheet HTML 5Page - Renesas Technology Corp R4S2456 Datasheet HTML 6Page - Renesas Technology Corp R4S2456 Datasheet HTML 7Page - Renesas Technology Corp R4S2456 Datasheet HTML 8Page - Renesas Technology Corp R4S2456 Datasheet HTML 9Page - Renesas Technology Corp R4S2456 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 1376 page
background image
Rev. 1.00 Sep. 19, 2008 Page vi of xxx
2. Description of Numbers and Symbols
Aspects of the notations for register names, bit names, numbers, and symbolic names in this
manual are explained below.
CMCSR indicates compare match generation, enables or disables interrupts, and selects the counter
input clock. Generation of a
WDTOVF signal or interrupt initializes the TCNT value to 0.
14.3 Operation
The style "register name"_"instance number" is used in cases where there is more than one
instance of the same function or similar functions.
[Example] CMCSR_0: Indicates the CMCSR register for the compare-match timer of channel 0.
In descriptions involving the names of bits and bit fields within this manual, the modules and
registers to which the bits belong may be clarified by giving the names in the forms
"module name"."register name"."bit name" or "register name"."bit name".
(1) Overall notation
(2) Register notation
Rev. 0.50, 10/04, page 416 of 914
14.2.2 Compare Match Control/Status Register_0, _1 (CMCSR_0, CMCSR_1)
14.3.1 Interval Count Operation
(4)
(3)
(2)
Binary numbers are given as B'nnnn (B' may be omitted if the number is obviously binary),
hexadecimal numbers are given as H'nnnn or 0xnnnn, and decimal numbers are given as nnnn.
[Examples] Binary:
B'11 or 11
Hexadecimal: H'EFA0 or 0xEFA0
Decimal:
1234
(3) Number notation
An overbar on the name indicates that a signal or pin is active-low.
[Example]
WDTOVF
Note: The bit names and sentences in the above figure are examples and have nothing to do
with the contents of this manual.
(4) Notation for active-low
When an internal clock is selected with the CKS1 and CKS0 bits in CMCSR and the STR bit in
CMSTR is set to 1, CMCNT starts incrementing using the selected clock. When the values in
CMCNT and the compare match constant register (CMCOR) match, CMCNT is cleared to H'0000
and the CMF flag in CMCSR is set to 1. When the CKS1 and CKS0 bits are set to B'01 at this time,
a f/4 clock is selected.


Similar Part No. - R4S2456

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R4S2424 RENESAS-R4S2424 Datasheet
7Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
R4S2426 RENESAS-R4S2426 Datasheet
7Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
R4S2426R RENESAS-R4S2426R Datasheet
7Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
More results

Similar Description - R4S2456

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2426 RENESAS-H8S2426 Datasheet
7Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
H8S2164 RENESAS-H8S2164 Datasheet
5Mb / 906P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
H8S2472 RENESAS-H8S2472 Datasheet
7Mb / 1250P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2125 RENESAS-H8S2125 Datasheet
4Mb / 700P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2112R RENESAS-H8S2112R Datasheet
5Mb / 984P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2117R RENESAS-H8S2117R Datasheet
5Mb / 1024P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2609 RENESAS-H8S2609 Datasheet
3Mb / 624P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2602 RENESAS-H8S2602 Datasheet
2Mb / 492P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com