Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2225 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # H8S2225
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
Download  1071 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2225 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button H8S2225 Datasheet HTML 7Page - Renesas Technology Corp H8S2225 Datasheet HTML 8Page - Renesas Technology Corp H8S2225 Datasheet HTML 9Page - Renesas Technology Corp H8S2225 Datasheet HTML 10Page - Renesas Technology Corp H8S2225 Datasheet HTML 11Page - Renesas Technology Corp H8S2225 Datasheet HTML 12Page - Renesas Technology Corp H8S2225 Datasheet HTML 13Page - Renesas Technology Corp H8S2225 Datasheet HTML 14Page - Renesas Technology Corp H8S2225 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1071 page
background image
Rev. 5.00 Aug 08, 2006 page xi of lxxxvi
Item
Page
Revision (See Manual for Details)
1.3.3 Pin Functions
Table 1.7 Pin Functions of
H8S/2239 Group and
H8S/2238 Group
53
Pin No.
Type
Symbol
TFP-100B
TFP-100BV
TFP-100G
TFP-100GV
FP-100B
FP-100BV
FP-100A*
3
FP-100AV*
3
BP-112*
1
BP-112V*
1
TBP-112A*
4
TBP-112AV*
4 I/O
Function
DMA
controller
(DMAC)*
2
DREQ1
DREQ0
89
90
B6
D6
Input
Request DMAC activation.
(Supported only by the H8S/2239 Group.)
TEND1
TEND0
87
88
C6
A6
Output
Indicate that the DMAC has ended
transmitting data.
(Supported only by the H8S/2239 Group.)
DACK1
DACK0
35
34
J5
H5
Output
These pins function as single address
transmitting acknowledge of DMAC.
(Supported only by the H8S/2239 Group.)
55
P47 to P40 in I/O ports
L10, L9, K11, K10, K9, K8, H7, J8
56
Notes: 1. Supported only by the HD64F2238R.
2. Supported only by the H8S/2239 Group.
3. Supported only by the H8S/2238B and H8S/2236B.
4. Supported only by the HD64F2238R and HD64F2239.
5. Measures should be taken to deal with noise, which can
cause operation errors otherwise.
Table 1.8 Pin Functions of
H8S/2237 Group and
H8S/2227 Group
57 to
61
Table 1.8 amended
FP-100B*
1
FP-100BV*
1
FP-100A*
2
FP-100BAV*
2
RES*3 STBY*3 NMI*3
61
Notes amended
Notes: 1. Supported only by masked ROM version.
2. Supported only by the HD6432227.
3. Measures should be taken to deal with noise, which can
cause operation errors otherwise.
3.4 Memory Map in Each
Operating Mode
Figure 3.7 H8S/2235 and
H8S/2225 Memory Map in
Each Operating Mode
115
Figure 3.7 amended
(Before) On-chip RAM
→ (After) On-chip ROM
5.1 Features
Figure 5.1 Block Diagram of
Interrupt Controller
128
Figure 5.1 amended
(Before) IRQ
→ (After) IRQ
5.3.2 IRQ Enable Register
(IER)
131
Description amended
(Before)
IRQn → (After) IRQn


Similar Part No. - H8S2225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2212 RENESAS-H8S2212 Datasheet
4Mb / 750P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2215 RENESAS-H8S2215 Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2215R RENESAS-H8S2215R Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2215T RENESAS-H8S2215T Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results

Similar Description - H8S2225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2218 RENESAS-H8S2218 Datasheet
4Mb / 750P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2282 RENESAS-H8S2282 Datasheet
3Mb / 615P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S14 RENESAS-H8S14 Datasheet
5Mb / 938P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S18 RENESAS-H8S18 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2258 RENESAS-H8S-2258 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S2215 RENESAS-H8S2215 Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com