Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432241RTE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD6432241RTE
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
Download  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432241RTE Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD6432241RTE Datasheet HTML 3Page - Renesas Technology Corp HD6432241RTE Datasheet HTML 4Page - Renesas Technology Corp HD6432241RTE Datasheet HTML 5Page - Renesas Technology Corp HD6432241RTE Datasheet HTML 6Page - Renesas Technology Corp HD6432241RTE Datasheet HTML 7Page - Renesas Technology Corp HD6432241RTE Datasheet HTML 8Page - Renesas Technology Corp HD6432241RTE Datasheet HTML 9Page - Renesas Technology Corp HD6432241RTE Datasheet HTML 10Page - Renesas Technology Corp HD6432241RTE Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page vii of xlii
REJ09B0355-0300
Main Revisions for This Edition
Item
Page Revision (See Manual for Details)
All
• Company name and brand names amended
(Before) Hitachi, Ltd.
→ (After) Renesas Technology Corp.
• Designation for categories amended
(Before) H8/2245 Series
→ (After) H8/2245 Group
1.1 Overview
Table 1.1 Overview
2
Table 1.1 amended
CPU
• High-speed operation suitable for realtime control
 Maximum clock rate: 20 MHz
 High-speed arithmetic operations (20-MHz operation)
1.3.2 Pin Functions in
Each Operating Mode
8 to
11
Note
*2 added
Mode 2
*1 Mode 3*1 Mode 6*1 Mode 7*1 PROM Mode*2
Table 1.2 Pin Functions
in Each Operating Mode
11
Notes: 1. Cannot be used in the H8S/2240.
2. NC should be left open.
1.3.3 Pin Functions
Table 1.3 Pin Functions
13
Description amended
Operating mode control
... H8S/2245 Group is operating. Except for mode changing, be
sure to fix the levels of the mode pins (MD
2 to MD0) by pulling
them down or pulling them up until the power turns off.
2.1.1 Features
20
Description amended
• High-speed operation
 Maximum clock rate: 20MHz
 8/16/32-bit register-register add/subtruct: 50 ns (20-MHz
operation)
 8 × 8-bit register-register multiply: 600 ns (20-MHz
operation)
 16 ÷ 8-bit register-register divide: 600 ns (20-MHz
operation)
 16 × 16-bit register-register multiply: 1000 ns (20-MHz
operation)
 32 ÷ 16-bit register-register divide: 600 ns (20-MHz
operation)


Similar Part No. - HD6432241RTE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432210 RENESAS-HD6432210 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
HD6432210 RENESAS-HD6432210 Datasheet
4Mb / 750P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
HD6432210 RENESAS-HD6432210 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
HD6432210S RENESAS-HD6432210S Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
HD6432210S RENESAS-HD6432210S Datasheet
4Mb / 750P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results

Similar Description - HD6432241RTE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S14 RENESAS-H8S14 Datasheet
5Mb / 938P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S18 RENESAS-H8S18 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2258 RENESAS-H8S-2258 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S2215 RENESAS-H8S2215 Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2268 RENESAS-H8S-2268 Datasheet
4Mb / 725P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S15 RENESAS-H8S15 Datasheet
5Mb / 904P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com