Part Name
         Description
H838704

 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series ( 402 Page)


RENESAS
100% 
Zoom Out Zoom In
 6 page
background image
Rev. 1.00 Dec. 13, 2007 Page vi of xviii
2. Description of Numbers and Symbols
Aspects of the notations for register names, bit names, numbers, and symbolic names in this
manual are explained below.
CMCSR indicates compare match generation, enables or disables interrupts, and selects the counter
input clock. Generation of a
WDTOVF signal or interrupt initializes the TCNT value to 0.
14.3 Operation
The style "register name"_"instance number" is used in cases where there is more than one
instance of the same function or similar functions.
[Example] CMCSR_0: Indicates the CMCSR register for the compare-match timer of channel 0.
In descriptions involving the names of bits and bit fields within this manual, the modules and
registers to which the bits belong may be clarified by giving the names in the forms
"module name"."register name"."bit name" or "register name"."bit name".
(1) Overall notation
(2) Register notation
Rev. 0.50, 10/04, page 416 of 914
14.2.2 Compare Match Control/Status Register_0, _1 (CMCSR_0, CMCSR_1)
14.3.1 Interval Count Operation
(4)
(3)
(2)
Binary numbers are given as B'nnnn (B' may be omitted if the number is obviously binary),
hexadecimal numbers are given as H'nnnn or 0xnnnn, and decimal numbers are given as nnnn.
[Examples] Binary:
B'11 or 11
Hexadecimal: H'EFA0 or 0xEFA0
Decimal:
1234
(3) Number notation
An overbar on the name indicates that a signal or pin is active-low.
[Example]
WDTOVF
Note: The bit names and sentences in the above figure are examples and have nothing to do
with the contents of this manual.
(4) Notation for active-low
When an internal clock is selected with the CKS1 and CKS0 bits in CMCSR and the STR bit in
CMSTR is set to 1, CMCNT starts incrementing using the selected clock. When the values in
CMCNT and the compare match constant register (CMCOR) match, CMCNT is cleared to H'0000
and the CMF flag in CMCSR is set to 1. When the CKS1 and CKS0 bits are set to B'01 at this time,
a f/4 clock is selected.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
H83853716-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series 1 2 3 4 5 MoreRenesas Technology Corp
H838602R16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series 1 2 3 4 5 MoreRenesas Technology Corp
H838524Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series 1 2 3 4 5 MoreRenesas Technology Corp
H838086RRenesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series 1 2 3 4 5 MoreRenesas Technology Corp
H83802Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series 1 2 3 4 5 MoreRenesas Technology Corp
H838076RRenesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series 1 2 3 4 5 MoreRenesas Technology Corp
H83672Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series 1 2 3 4 5 MoreRenesas Technology Corp
H83687Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series 1 2 3 4 5 MoreRenesas Technology Corp
H838024Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series 1 2 3 4 5 MoreRenesas Technology Corp
H836109Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series 1 2 3 4 5 MoreRenesas Technology Corp

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl