Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417727BP100C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD6417727BP100C
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
Download  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417727BP100C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD6417727BP100C Datasheet HTML 3Page - Renesas Technology Corp HD6417727BP100C Datasheet HTML 4Page - Renesas Technology Corp HD6417727BP100C Datasheet HTML 5Page - Renesas Technology Corp HD6417727BP100C Datasheet HTML 6Page - Renesas Technology Corp HD6417727BP100C Datasheet HTML 7Page - Renesas Technology Corp HD6417727BP100C Datasheet HTML 8Page - Renesas Technology Corp HD6417727BP100C Datasheet HTML 9Page - Renesas Technology Corp HD6417727BP100C Datasheet HTML 10Page - Renesas Technology Corp HD6417727BP100C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page vii of lxxii
Revisions and Additions
Page
Previous Version
Revised Version
5 to 7 Table 1.1 SH7727 Features
Item
Features
Timer
(TMU, CMT)
• 3-channel auto-reload-type 32-bit timer
• 1-channel 16-bit compare match timer
• Choice of six counter input clocks
• Maximum resolution: 2 MHz
Item
Features
Timer (TMU)
• 3-channel auto-reload-type 32-bit timer
• Choice of six counter input clocks
• Maximum resolution: 2 MHz
Item
Features
Serial communi-
cation interface
(SCIF)
• 16-byte FIFO for transmission/reception
• D
• Hardware flow control
MA can be transferred
Direct memory
access controller
(DMAC)
• 4 channels
• Burst mode and cycle-steal mode
• External request operating mode
Item
Features
Serial communi-
cation interface
(SCIF)
• 16-byte FIFO for transmission/reception
• DMA can be transferred
• On-chip modem control function
Direct memory
access controller
(DMAC)
• 4 channels
• Burst mode and cycle-steal mode
• External request operating mode
• 1-channel 16-bit compare match timer
Item
Features
LCD controller
(LCDC)
• From 16 x 1 to 1024 x 1024 pixels can be supported
• 1/2/4/6/8/16 bpp (bit per pixel) with 18bit color pallet
• 1/2/4 bpp (bit per pixel) gray scale
• 8-bit Frame rate controller
• TFT/DSTN/STN
• Signal polarity setting function
• Hardware panel rotation
• Power control function
• Selectable clock source (LCLK or Bclk or Pclk)
A/D converter
(ADC)
• 10 bits ± 4 LSB, 6 channels
• Conversion time: 10 µs
• Input range: 0–Vcc (max. 3.6 V)
Product lineup
Power Supply
Voltage
Abb.
I/O
Internal
Operating
Frequency
Model Name
Package
SH7727
3.3
±
0.3 V
1.7 to
2.05 V
160 MHz
HD6417727F160B
240-pin plastic HQFP
(FP-240B)
HD6417727BP160B
240-pin CSP
(BP-240A)
3.1
±
0.5 V
1.6 to
2.05 V
100 MHz
HD6417727F100B
240-pin plastic HQFP
(FP-240B)
HD6417727BP100B
240-pin CSP
(BP-240A)
Item
Features
LCD controller
(LCDC)
• From 16 x 1 to 1024 x 1024 pixels can be supported
• 4/8/15/16 bpp (bit per pixel) color modes
• 1/2/4/6 bpp (bit per pixel) gray scale
• 8-bit Frame rate controller
• TFT/DSTN/STN
• Signal polarity setting function
• Hardware panel rotation
• Power control function
• Selectable clock source (LCLK, bus clock (B
φ), or peripheral clock (Pφ))
A/D converter
(ADC)
• 10 bits ± 4 LSB, 6 channels
• Conversion time: 15 µs
• Input range: 0–Vcc (max. 3.6 V)
Product lineup
Power Supply
Voltage
SH7727
I/O
Internal
Operating
Frequency
Model Name
Package
160 MHz
products
3.0 V to
3.6 V
1.70 V to
2.05 V
160 MHz
HD6417727F160C
240-pin plastic HQFP
(PRQP0240KC-B)
HD6417727BP160C
240-pin CSP
(PLBG0240JA-A)
100 MHz
products
2.6 V to
3.6 V
1.60 V to
2.05 V
100 MHz
HD6417727F100C
240-pin plastic HQFP
(PRQP0240KC-B)
HD6417727BP100C
240-pin CSP
(PLBG0240JA-A)
11 to
19
Table 1.2 SH7727 Pin Function
Pin No.
(FP-240B)
Pin No.
(BP-240A)
Pin No.
(PRQP0240KC-B)
Pin No.
(PLBG0240JA-A)
167
7.1.4 Register Configuration
The INTC has 12 registers listed in table
7.2.
The INTC has 17 registers listed in table
7.2.


Similar Part No. - HD6417727BP100C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6417727BP160CV RENESAS-HD6417727BP160CV Datasheet
7Mb / 1098P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/ SH7700 Series
More results

Similar Description - HD6417727BP100C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6417705 RENESAS-HD6417705 Datasheet
4Mb / 739P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
SH7706 RENESAS-SH7706 Datasheet
4Mb / 749P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
HD6417727BP160CV RENESAS-HD6417727BP160CV Datasheet
7Mb / 1098P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/ SH7700 Series
HD6417705F133V RENESAS-HD6417705F133V Datasheet
4Mb / 741P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
SH7065 RENESAS-SH7065 Datasheet
5Mb / 941P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
SH7046 RENESAS-SH7046 Datasheet
3Mb / 611P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7046 Series
SH7055S RENESAS-SH7055S Datasheet
4Mb / 1002P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
SH7050 RENESAS-SH7050 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7047F RENESAS-SH7047F Datasheet
407Kb / 85P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7047 Series
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com