Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F3048TF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD64F3048TF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
Download  905 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3048TF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD64F3048TF Datasheet HTML 3Page - Renesas Technology Corp HD64F3048TF Datasheet HTML 4Page - Renesas Technology Corp HD64F3048TF Datasheet HTML 5Page - Renesas Technology Corp HD64F3048TF Datasheet HTML 6Page - Renesas Technology Corp HD64F3048TF Datasheet HTML 7Page - Renesas Technology Corp HD64F3048TF Datasheet HTML 8Page - Renesas Technology Corp HD64F3048TF Datasheet HTML 9Page - Renesas Technology Corp HD64F3048TF Datasheet HTML 10Page - Renesas Technology Corp HD64F3048TF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 905 page
background image
Rev. 7.00 Sep 21, 2005 page vii of xxiv
Main Revisions for this Edition
Item
Page
Revision (See Manual for Details)
All
All references to Hitachi, Hitachi, Ltd., Hitachi Semiconductors, and
other Hitachi brand names changed to Renesas Technology Corp.
Designation for categories changed from “series” to “group”
Table amended
Bit 6: RIE
Description
0
Receive-data-full (RXI) and receive-error (ERI) interrupt requests
are disabled*
(Initial value)
1
Receive-data-full (RXI) and receive-error (ERI) interrupt requests
are enabled
13.2.6 Serial Control
Register (SCR)
Bit 6-Receive
Interrupt Enable
(RIE)
461
19.5.3 Programming
Flowchart and
Sample Program
Flowchart for
Programming One
Byte
Figure 19.9
Programming
Flowchart
606
Figure amended
Enable watchdog timer*2
Select program mode
(P bit = 1 in FLMCR)
Wait (x) µs
Clear P bit
Disable watchdog timer
Select program-verify mode
(PV bit = 1 in FLMCR)
Verify (read memory)*3
No good
OK
Clear PV bit
End (1-byte data programmed)
Programming ends
Clear PV bit
Programming error
n
≥ N?
n + 1
Double the programming
time (x
× 2 → x)
→ n
No
Yes
Verify ends
V
E
PP
Clear
bit
Clear erase block register
(clear bit of programmed block to 0)
V
E
PP
Clear
bit
Clear erase block register
(clear bit of block to be
programmed to 0)
Notes: 1. Write the data to be programmed using a
byte transfer instruction.
2. Set the watchdog timer overflow interval
by setting CKS2 and CKS1 to 0 and
CKS0 to 1.
3. Read to verify data from the memory
using a byte transfer instruction.
4. tVS1: 4 µs
z:
5 to 10
µs
N:
6 (set N so that total programming
time does not exceed 1 ms)
5. Programming time x, which is determined
by the initial time
× 2n–1 (n = 1 to 6),
increases in proportion to n. Thus, set the
initial time to 15.8
µs or less to make total
programming time 1 ms or less.
Wait (tVS1) µs*4
*5


Similar Part No. - HD64F3048TF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD64F3048TF HITACHI-HD64F3048TF Datasheet
2Mb / 867P
   Hitachi Single-Chip Microcomputer
More results

Similar Description - HD64F3048TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H83068F RENESAS-H83068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83028 RENESAS-H83028 Datasheet
8Mb / 923P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83029 RENESAS-H83029 Datasheet
4Mb / 1010P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83024 RENESAS-H83024 Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H8-3067 RENESAS-H8-3067 Datasheet
4Mb / 963P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H836912 RENESAS-H836912 Datasheet
3Mb / 440P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836049 RENESAS-H836049 Datasheet
3Mb / 562P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com