Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F61653 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F61653
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
Download  1018 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F61653 Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F61653 Datasheet HTML 1Page - Renesas Technology Corp R5F61653 Datasheet HTML 2Page - Renesas Technology Corp R5F61653 Datasheet HTML 3Page - Renesas Technology Corp R5F61653 Datasheet HTML 4Page - Renesas Technology Corp R5F61653 Datasheet HTML 5Page - Renesas Technology Corp R5F61653 Datasheet HTML 6Page - Renesas Technology Corp R5F61653 Datasheet HTML 7Page - Renesas Technology Corp R5F61653 Datasheet HTML 8Page - Renesas Technology Corp R5F61653 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 1018 page
background image
Rev.1.00 Sep. 08, 2005 Page iv of xlviii
General Precautions on Handling of Product
1. Treatment of NC Pins
Note:
Do not connect anything to the NC pins.
The NC (not connected) pins are either not connected to any of the internal circuitry or are
used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note:
Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note:
When power is first supplied, the product's state is undefined.
The states of internal circuits are undefined until full power is supplied throughout the
chip and a low level is input on the reset pin. During the period where the states are
undefined, the register settings and the output state of each pin are also undefined. Design
your system so that it does not malfunction because of processing while it is in this
undefined state. For those products which have a reset function, reset the LSI immediately
after the power supply has been turned on.
4. Prohibition of Access to Undefined or Reserved Addresses
Note:
Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these addresses. Do not access these registers; the system's
operation is not guaranteed if they are accessed.


Similar Part No. - R5F61653

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F61653M RENESAS-R5F61653M Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653MD50FPV RENESAS-R5F61653MD50FPV Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653MN50FPV RENESAS-R5F61653MN50FPV Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653R RENESAS-R5F61653R Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653RD50FPV RENESAS-R5F61653RD50FPV Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
More results

Similar Description - R5F61653

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8SX1648 RENESAS-H8SX1648 Datasheet
8Mb / 1472P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1651 RENESAS-H8SX1651 Datasheet
4Mb / 812P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61655N50FPV RENESAS-R5F61655N50FPV Datasheet
7Mb / 1376P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1668R RENESAS-H8SX1668R Datasheet
8Mb / 1504P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1658R RENESAS-H8SX1658R Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1650 RENESAS-H8SX1650 Datasheet
4Mb / 692P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1622 RENESAS-H8SX1622 Datasheet
6Mb / 1056P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1638 RENESAS-H8SX1638 Datasheet
6Mb / 1164P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1663 RENESAS-H8SX1663 Datasheet
7Mb / 1158P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1657 RENESAS-H8SX1657 Datasheet
5Mb / 892P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com