Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C20 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
Download  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 2Page - Renesas Technology Corp R8C20 Datasheet HTML 3Page - Renesas Technology Corp R8C20 Datasheet HTML 4Page - Renesas Technology Corp R8C20 Datasheet HTML 5Page - Renesas Technology Corp R8C20 Datasheet HTML 6Page - Renesas Technology Corp R8C20 Datasheet HTML 7Page - Renesas Technology Corp R8C20 Datasheet HTML 8Page - Renesas Technology Corp R8C20 Datasheet HTML 9Page - Renesas Technology Corp R8C20 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 501 page
background image
3.
Register Notation
The symbols and terms used in register diagrams are described below.
*1
Blank: Set to 0 or 1 according to the application.
0: Set to 0.
1: Set to 1.
X: Nothing is assigned.
*2
RW: Read and write.
RO: Read only.
WO: Write only.
−: Nothing is assigned.
*3
• Reserved bit
Reserved bit. Set to specified value.
*4
• Nothing is assigned
Nothing is assigned to the bit. As the bit may be used for future functions, if necessary, set to 0.
• Do not set to a value
Operation is not guaranteed when a value is set.
• Function varies according to the operating mode.
The function of the bit varies with the peripheral function mode. Refer to the register diagram for information
on the individual modes.
XXX Register
Symbol
Address
After Reset
XXX
XXX
00h
Bit Name
Bit Symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
XXX bits
1 0: XXX
0 1: XXX
1 0: Do not set.
1 1: XXX
b1 b0
XXX1
XXX0
XXX4
Reserved bits
XXX5
XXX7
XXX6
Function
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
XXX bit
Function varies according to the operating
mode.
Set to 0.
0
(b3)
(b2)
RW
RW
RW
RW
WO
RW
RO
XXX bits
0: XXX
1: XXX
*1
*2
*3
*4


Similar Part No. - R8C20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C22 RENESAS-R8C22 Datasheet
479Kb / 52P
   MCU
R8C22 RENESAS-R8C22 Datasheet
485Kb / 54P
   RENESAS MCU
R8C22 RENESAS-R8C22_08 Datasheet
485Kb / 54P
   RENESAS MCU
R8C23 RENESAS-R8C23 Datasheet
479Kb / 52P
   MCU
R8C23 RENESAS-R8C23 Datasheet
5Mb / 549P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
More results

Similar Description - R8C20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C2E RENESAS-R8C2E Datasheet
3Mb / 354P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2K RENESAS-R8C2K Datasheet
4Mb / 471P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2A RENESAS-R8C2A Datasheet
6Mb / 609P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2H RENESAS-R8C2H Datasheet
3Mb / 367P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C23 RENESAS-R8C23 Datasheet
5Mb / 549P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2C RENESAS-R8C2C Datasheet
6Mb / 615P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2G RENESAS-R8C2G Datasheet
3Mb / 344P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C-20 RENESAS-R8C-20_1 Datasheet
4Mb / 501P
   MCU R8C FAMILY / R8C/2x SERIES
R8C-22 RENESAS-R8C-22_1 Datasheet
5Mb / 549P
   MCU R8C FAMILY / R8C/2x SERIES
R8C27 RENESAS-R8C27 Datasheet
4Mb / 485P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com