Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8-3048B Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # H8-3048B
Description  8-Bit Single-Chip Microcomputer
Download  901 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8-3048B Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button H8-3048B Datasheet HTML 6Page - Renesas Technology Corp H8-3048B Datasheet HTML 7Page - Renesas Technology Corp H8-3048B Datasheet HTML 8Page - Renesas Technology Corp H8-3048B Datasheet HTML 9Page - Renesas Technology Corp H8-3048B Datasheet HTML 10Page - Renesas Technology Corp H8-3048B Datasheet HTML 11Page - Renesas Technology Corp H8-3048B Datasheet HTML 12Page - Renesas Technology Corp H8-3048B Datasheet HTML 13Page - Renesas Technology Corp H8-3048B Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 901 page
background image
Rev. 3.00 Sep 27, 2006 page x of xxvi
Item
Page
Revision (See Manual for Details)
5.5.4 Usage Notes on
External Interrupts
Figure 5.9 IRQnF
Flag When Interrupt
Processing Is Not
Conducted
120
Figure amended
Read
1
Write
0
Read
1
Write
1
IRQb
Execution
Read
1
Write
0
Read
0
Write
0
Clear in error
Occurrence condition 1
IRQaF
IRQbF
Occurrence condition 2
10.2.3 Timer Mode
Register (TMDR)
Bit 6—Phase Counting
Mode Flag (MDF)
335
Table amended
Counting Direction
Down-Counting
Up-Counting
TCLKA pin
High
Low
Low
High
TCLKB pin
Low
High
High
Low
13.2.8 Bit Rate
Register (BRR)
Table 13.3 Examples
of Bit Rates and BRR
Settings in
Asynchronous Mode
473,
475
Table amended
φφφφ (MHz)
3
3.6864
25
Bit Rate
(bits/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
1
212
0.03
2
64
0.70
3
110
–0.02
150
1
155
0.16
1
191
0.00
3
80
0.47
300
1
77
0.16
1
95
0.00
2
162
–0.15
600
0
155
0.16
0
191
0.00
2
80
0.47
1200
0
77
0.16
0
95
0.00
1
162
–0.15
2400
0
38
0.16
0
47
0.00
1
80
0.47
4800
0
19
–2.34
0
23
0.00
0
162
–0.15
9600
0
9
–2.34
0
11
0.00
0
80
0.47
19200
0
4
–2.34
0
5
0.00
0
40
–0.76
31250
0
2
0.00
0
3
–7.84
0
24
0.00
38400
0
1
22.07
0
2
0.00
0
19
1.73
13.3.2 Operation in
Asynchronous Mode
Figure 13.8 Example
of SCI Receive
Operation (8-Bit Data
with Parity and One
Stop Bit)
492
Figure amended
1
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
Parity
bit
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
Parity
bit
1
Idle (mark)
state
RDRF
FER
1 frame
Framing error,
ERI request
RXI interrupt handler
reads data in RDR and
clears RDRF flag to 0
RXI
request


Similar Part No. - H8-3048B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8-300 ETC2-H8-300 Datasheet
646Kb / 53P
   In-Circuit Emulator for Renesas H8/300 and H8/500
logo
Renesas Technology Corp
H8-3002 RENESAS-H8-3002 Datasheet
1Mb / 700P
   Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
   16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 798P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H8-3007 RENESAS-H8-3007 Datasheet
4Mb / 798P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results

Similar Description - H8-3048B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com