Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8-3048B Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # H8-3048B
Description  8-Bit Single-Chip Microcomputer
Download  901 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8-3048B Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button H8-3048B Datasheet HTML 7Page - Renesas Technology Corp H8-3048B Datasheet HTML 8Page - Renesas Technology Corp H8-3048B Datasheet HTML 9Page - Renesas Technology Corp H8-3048B Datasheet HTML 10Page - Renesas Technology Corp H8-3048B Datasheet HTML 11Page - Renesas Technology Corp H8-3048B Datasheet HTML 12Page - Renesas Technology Corp H8-3048B Datasheet HTML 13Page - Renesas Technology Corp H8-3048B Datasheet HTML 14Page - Renesas Technology Corp H8-3048B Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 901 page
background image
Rev. 3.00 Sep 27, 2006 page xi of xxvi
Item
Page
Revision (See Manual for Details)
13.3.3 Multiprocessor
Communication
Figure 13.11
Example of SCI
Transmit Operation
(8-Bit Data with
Multiprocessor Bit and
One Stop Bit)
495
Figure amended
1
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
Multi-
processor
bit
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
1
Idle (mark)
state
TDRE
TEND
TXI
request
TXI interrupt handler
writes data in TDR and
clears TDRE flag to 0
1 frame
TEI request
Multi-
processor
bit
TXI
request
13.3.4 Synchronous
Operation
Clock
500
Description amended
An internal clock generated by the on-chip baud rate
generator or an external clock input from the SCK pin can be
selected by setting the C/
A bit in SMR and the CKE1 and
CKE0 bits in SCR. See table 13.9.
14.2.3 Serial Mode
Register (SMR)
Bit 7—GSM Mode
(GM)
521
Table amended
Bit 7: GM
Description
0
Using the regular smart card interface mode
• The TEND flag is set 12.5 etu after the beginning of the start bit
(Initial value)
• Clock output on/off control only
1
Using the GSM mode smart card interface mode
• The TEND flag is set 11.0 etu after the beginning of the start bit
• Clock output on/off and fixed-
(set by SCR)
high/fixed-low control
18.5.1 Flash Memory
Control Register 1
(FLMCR1)
Bit 1—Erase Bit (E)
587
Note amended
Note: * Do not access flash memory while the E bit is set to 1.
Section 21 Electrical
Characteristics
Table 21.1 Electrical
Characteristics of
H8/3048 Group and
H8/3048B Group
Products
653,
654
Table amended
H8/3048B Group
Item
H8/3048
ZTAT
H8/3048
F-ONE
(Single
Power
Supply)
H8/3048B
Mask
ROM
V
PP pin rating
Yes
Absolute
maximum
ratings
Flash
memory
charac-
teristics*
4
See table
21.11


Similar Part No. - H8-3048B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8-300 ETC2-H8-300 Datasheet
646Kb / 53P
   In-Circuit Emulator for Renesas H8/300 and H8/500
logo
Renesas Technology Corp
H8-3002 RENESAS-H8-3002 Datasheet
1Mb / 700P
   Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
   16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 798P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H8-3007 RENESAS-H8-3007 Datasheet
4Mb / 798P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results

Similar Description - H8-3048B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com