Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F7065AF Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD64F7065AF
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
Download  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 4Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 5Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 6Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 7Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 8Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 9Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 10Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 11Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 941 page
background image
Rev. 5.00 Sep 11, 2006 page viii of xxii
Item
Page
Revision (See Manual for Details)
22.3.1 Clock Timing
Table 22.4 Clock
Timing
796
Table amended
Item
Symbol
Min
Max
Unit
Figure
Operating frequency (master clock)
fOP
20
60
MHz
Figure 22.2
Clock cycle time
tcyc
16.7
50
ns
Clock low-level pulse width
tCL
4.4
ns
Clock high-level pulse width
tCH
4.4
ns
Clock rise time
tCR
4
ns
Clock fall time
tCF
4
ns
EXTAL/CKIO clock input frequency
fEX
5
30
MHz
Figure 22.3
EXTAL/CKIO clock input cycle time
tEXcyc
33.3
200
ns
EXTAL/CKIO clock input low-level pulse
width
tEXL
11.6
ns
EXTAL/CKIO clock input high-level pulse
width
tEXH
11.6
ns
EXTAL/CKIO clock input rise time
tEXR
5
ns
EXTAL/CKIO clock input fall time
tEXF
5
ns
Reset oscillation settling time
tOSC1
10
ms
Figure 22.4
Standby recovery oscillation settling time
tOSC2
10
ms


Similar Part No. - HD64F7065AF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F7017F28 RENESAS-HD64F7017F28 Datasheet
4Mb / 754P
   32-Bit RISC Microcomputer
HD64F7044F28 RENESAS-HD64F7044F28 Datasheet
4Mb / 923P
   Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
HD64F7044F28 RENESAS-HD64F7044F28 Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
HD64F7045F28 RENESAS-HD64F7045F28 Datasheet
4Mb / 923P
   Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
HD64F7045F28 RENESAS-HD64F7045F28 Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
More results

Similar Description - HD64F7065AF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7055S RENESAS-SH7055S Datasheet
4Mb / 1002P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
DF7055SF40KNV RENESAS-DF7055SF40KNV Datasheet
4Mb / 1004P
   Renesas 32-bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
SH7046 RENESAS-SH7046 Datasheet
3Mb / 611P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7046 Series
SH7050 RENESAS-SH7050 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7047F RENESAS-SH7047F Datasheet
407Kb / 85P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7047 Series
SH7727 RENESAS-SH7727 Datasheet
7Mb / 1109P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
   Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com