Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F7065A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD64F7065A
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
Download  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD64F7065A Datasheet HTML 1Page - Renesas Technology Corp HD64F7065A Datasheet HTML 2Page - Renesas Technology Corp HD64F7065A Datasheet HTML 3Page - Renesas Technology Corp HD64F7065A Datasheet HTML 4Page - Renesas Technology Corp HD64F7065A Datasheet HTML 5Page - Renesas Technology Corp HD64F7065A Datasheet HTML 6Page - Renesas Technology Corp HD64F7065A Datasheet HTML 7Page - Renesas Technology Corp HD64F7065A Datasheet HTML 8Page - Renesas Technology Corp HD64F7065A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 941 page
background image
Rev. 5.00 Sep 11, 2006 page v of xxii
Preface
The SH7065 is a microprocessor that integrates peripheral functions necessary for system
configuration with a 32-bit internal architecture SH2-DSP CPU as its core.
On-chip peripheral functions include large-capacity ROM and RAM, an interrupt controller, four
kinds of timers, a serial communication interface, user break controller (UBC), bus state controller
(BSC), direct memory access controller (DMAC), A/D converter, D/A converter, and I/O ports,
enabling the SH7065 to be used as a microcontroller for electronic products requiring high speed
and low power consumption. Flash memory (F-ZTAT™*) and mask ROM are available as on-
chip ROM, enabling users to respond quickly and flexibly to changing application specifications
and the demands of the transition from initial to full-fledged volume production.
Note: * F-ZTAT is a trademark of Renesas Technology Corp.
Intended Readership: This manual is intended for users undertaking the design of an application
system using the SH7065. Readers using this manual require a basic
knowledge of electrical circuits, logic circuits, and microcomputers.
Purpose:
The purpose of this manual is to give users an understanding of the hardware
functions and electrical characteristics of the SH7065. Details of execution
instructions can be found in the SH-1, SH-2, SH-DSP Programming Manual,
which should be read in conjunction with the present manual.
Using this Manual:
• For an overall understanding of the SH7065’s functions
Follow the Table of Contents. This manual is broadly divided into sections on the CPU, system
control functions, peripheral functions, and electrical characteristics.
• For a detailed understanding of CPU functions
Refer to the separate publication SH-1, SH-2, SH-DSP Programming Manual.
Note on bit notation:
Bits are shown in high-to-low order from left to right.
Related Material:
The latest information is available at our Web Site. Please make sure that you
have the most up-to-date information available.
http://www.renesas.com/


Similar Part No. - HD64F7065A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F7017F28 RENESAS-HD64F7017F28 Datasheet
4Mb / 754P
   32-Bit RISC Microcomputer
HD64F7044F28 RENESAS-HD64F7044F28 Datasheet
4Mb / 923P
   Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
HD64F7044F28 RENESAS-HD64F7044F28 Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
HD64F7045F28 RENESAS-HD64F7045F28 Datasheet
4Mb / 923P
   Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
HD64F7045F28 RENESAS-HD64F7045F28 Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
More results

Similar Description - HD64F7065A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7055S RENESAS-SH7055S Datasheet
4Mb / 1002P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
DF7055SF40KNV RENESAS-DF7055SF40KNV Datasheet
4Mb / 1004P
   Renesas 32-bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
SH7046 RENESAS-SH7046 Datasheet
3Mb / 611P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7046 Series
SH7050 RENESAS-SH7050 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7047F RENESAS-SH7047F Datasheet
407Kb / 85P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7047 Series
SH7727 RENESAS-SH7727 Datasheet
7Mb / 1109P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
   Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com