Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433020TE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD6433020TE
Description  16-Bit Single-Chip Microcomputer
Download  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433020TE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD6433020TE Datasheet HTML 4Page - Renesas Technology Corp HD6433020TE Datasheet HTML 5Page - Renesas Technology Corp HD6433020TE Datasheet HTML 6Page - Renesas Technology Corp HD6433020TE Datasheet HTML 7Page - Renesas Technology Corp HD6433020TE Datasheet HTML 8Page - Renesas Technology Corp HD6433020TE Datasheet HTML 9Page - Renesas Technology Corp HD6433020TE Datasheet HTML 10Page - Renesas Technology Corp HD6433020TE Datasheet HTML 11Page - Renesas Technology Corp HD6433020TE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 712 page
background image
Rev.2.00 Mar. 22, 2007 Page viii of xxiv
REJ09B0352-0200
Item
Page
Revision (See Manual for Details)
7.5.3 Pin Functions in
Each Mode
Figure 7.13 Pin
Functions in Modes 1
and 3 (Port 5)
149
Figure amended
Port 5
A
(output)
A
(output)
A
(output)
A
(output)
19
18
17
16
8.4.8 Buffering
Figure 8.52 Input
Capture and Buffer
Transfer Timing
(Example)
263
Figure amended
φ
TCNT
GR
BR
TIOC pin
Input capture
signal
n
n + 1
N
n
M
N + 1
N
n
M
m
n
M
8.4.9 ITU Output
Timing
Figure 8.55 Timing of
Disabling of ITU Output
by External Trigger
(Example)
266
Figure amended
φ
TIOCA1 pin
TOER
ITU output
I/O port
ITU output
I/O port
Generic
input/output
Generic
input/output
ITU output
ITU output
Input capture
signal
ITU output
pins
NN
H'C0
H'C0
N: Arbitrary setting (H'C1 to H'FF)
9.2.5 Next Data
Register A (NDRA)
293
Bit table amended
Bit
Initial value
Read/Write
7
NDR7
0
R/W
6
NDR6
0
R/W
5
NDR5
0
R/W
4
NDR4
0
R/W
3
NDR3
0
R/W
2
NDR2
0
R/W
1
NDR1
0
R/W
0
NDR0
0
R/W
Next data 7 to 4
These bits store the next output
data for TPC output group 1
Next data 3 to 0
These bits store the next output
data for TPC output group 0
9.4.2 Note on Non-
Overlapping Output
313
Description amended
This can be accomplished by having the IMFA interrupt
service routine write the next data in NDR.
The next data
must be written before the next compare match B occurs.


Similar Part No. - HD6433020TE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6433024F RENESAS-HD6433024F Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD6433024FP RENESAS-HD6433024FP Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD6433024TE RENESAS-HD6433024TE Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD6433026F RENESAS-HD6433026F Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD6433026FP RENESAS-HD6433026FP Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results

Similar Description - HD6433020TE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8-3039 RENESAS-H8-3039 Datasheet
3Mb / 708P
   16-Bit Single-Chip Microcomputer
7721 RENESAS-7721 Datasheet
6Mb / 577P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H83069R-ZTAT RENESAS-H83069R-ZTAT Datasheet
4Mb / 1003P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8-3052B RENESAS-H8-3052B Datasheet
5Mb / 845P
   16-Bit Single-Chip Microcomputer
H8S-2355 RENESAS-H8S-2355 Datasheet
4Mb / 880P
   16-Bit Single-Chip Microcomputer
7905 RENESAS-7905 Datasheet
3Mb / 565P
   16-BIT SINGLE-CHIP MICROCOMPUTER
7906 RENESAS-7906 Datasheet
2Mb / 531P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2168 RENESAS-H8S-2168 Datasheet
5Mb / 874P
   16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
   16-Bit Single-Chip Microcomputer
7751 RENESAS-7751 Datasheet
5Mb / 540P
   16-BIT SINGLE-CHIP MICROCOMPUTER
M30218 RENESAS-M30218_01 Datasheet
4Mb / 469P
   16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com