Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433396TF Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD6433396TF
Description  Single-Chip Microcomputer
Download  747 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433396TF Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD6433396TF Datasheet HTML 7Page - Renesas Technology Corp HD6433396TF Datasheet HTML 8Page - Renesas Technology Corp HD6433396TF Datasheet HTML 9Page - Renesas Technology Corp HD6433396TF Datasheet HTML 10Page - Renesas Technology Corp HD6433396TF Datasheet HTML 11Page - Renesas Technology Corp HD6433396TF Datasheet HTML 12Page - Renesas Technology Corp HD6433396TF Datasheet HTML 13Page - Renesas Technology Corp HD6433396TF Datasheet HTML 14Page - Renesas Technology Corp HD6433396TF Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 747 page
background image
3.
Differences in S-Mask Model
Table 2 shows the differences between the H8/3337F (dual-power-supply specification) and
H8/3337SF (single-power-supply specification).
Table 2
Differences between H8/3337F and H8/3337F S-Mask Model
Item
Dual-Power-Supply Model:
H8/3337F
Single-Power-Supply Model:
H8/3337F S-Mask Model
Program/
erase voltage
12 V must be applied from off-chip
V
PP (12.0 V ±0.6 V)
12 V application not required
V
CC single-power-supply programming
V
CC (5.0 V ±10%)
FV
PP (FWE)
pin function
Dual function as FV
PP power supply
and STBY function
No programming control pin
Programming
modes
• Writer mode
• On-board
 Boot mode
 User programming mode
(See section 21 for the use of these
modes)
Operating
modes allowing
on-board
programming
• Writer mode
• Boot mode
• User programming mode
(See section 21 for the use of these
modes)
On-board
programming
unit
1-byte-unit programming
32-byte-unit programming
Programming
with PROM
programmer
Select Hitachi stand-alone flash
memory HN28F101 setting
Special programming mode setting
required. Use of PROM programmer
that supports Hitachi microcomputer
device types with 64-kbyte on-chip flash
memory. (128-byte-unit fast page
programming)
Boot mode
setting
method
Reset release after MD
1 = FVPP/STBY =
12 V application
MD1
0
MD0
0
P92
1
P91
1
P90
1
Pin
Setting level
Reset release after above pin settings
User program
mode setting
method
FV
PP = 12 V application
Control bits set by software


Similar Part No. - HD6433396TF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433308 HITACHI-HD6433308 Datasheet
1Mb / 349P
   Hitachi Single-Chip MicroComputer
logo
Renesas Technology Corp
HD6433318 RENESAS-HD6433318 Datasheet
2Mb / 574P
   Single-Chip Microcomputer
HD6433318CP12 RENESAS-HD6433318CP12 Datasheet
2Mb / 574P
   Single-Chip Microcomputer
HD6433318CP16 RENESAS-HD6433318CP16 Datasheet
2Mb / 574P
   Single-Chip Microcomputer
HD6433318F12 RENESAS-HD6433318F12 Datasheet
2Mb / 574P
   Single-Chip Microcomputer
More results

Similar Description - HD6433396TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
   Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
   Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
   Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
   Single-Chip Microcomputer
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
   Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com