Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F7058BP80L Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD64F7058BP80L
Description  Renesas SuperHTM RISC engine
Download  1130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7058BP80L Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD64F7058BP80L Datasheet HTML 4Page - Renesas Technology Corp HD64F7058BP80L Datasheet HTML 5Page - Renesas Technology Corp HD64F7058BP80L Datasheet HTML 6Page - Renesas Technology Corp HD64F7058BP80L Datasheet HTML 7Page - Renesas Technology Corp HD64F7058BP80L Datasheet HTML 8Page - Renesas Technology Corp HD64F7058BP80L Datasheet HTML 9Page - Renesas Technology Corp HD64F7058BP80L Datasheet HTML 10Page - Renesas Technology Corp HD64F7058BP80L Datasheet HTML 11Page - Renesas Technology Corp HD64F7058BP80L Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1130 page
background image
Rev. 3.0, 09/04, page v of xxxviii
Item
Page
Revisions (See Manual for Details)
10.3.2 DMA Transfer Requests
Table 10.2 Selecting On-Chip
Peripheral Module Request Modes with
the RS Bits
180,
182
Table amended
DMAC
Transfer
Request
Source
DMAC Transfer
Request Signal
Transfer
Source
Transfer
Destination Bus Mode
RS0
RS1
RS2
RS3
RS4
HCAN0
RM0 (HCAN0
receive interrupt)
MB0-MB15 Don't care* Burst/cycle-
steal
1
1
0
0
0
MB0-MB15: HCAN0 message data
10.3.11 DMAC Access from CPU
193
Description amended
The space addressed by the DMAC is 4-cycle space.
Therefore, when the CPU becomes the bus master
and accesses the DMAC, a minimum of four internal
clock cycles (
φ) are required for one bus cycle. Also,
since the DMAC is located in word space, while a
word-size access to the DMAC is completed in one
bus cycle, a longword-size access is automatically
divided into two word accesses, requiring two bus
cycles (eight basic clock cycles). These two bus
cycles are executed consecutively; a different bus
cycle is never inserted between the two word
accesses. This applies to both write accesses and
read accesses.
11.2.21 Offset Base Registers (OSBR) 341
Bit table amended
Dedicated input capture registers with the same input
trigger signal as that for channel 0 ICR0A
Offset Base Registers 1 and 2 (OSBR1,
OSBR2)
Description amended
OSBR1 and OSBR2 are 16-bit read-only registers
used exclusively for input capture. Same as the
channel 0 input capture register (ICR0A), OSBR1 and
OSBR2 use the TI0A input as their trigger signal, and
store the TCNT1A or TCNT2A value on detection of
an edge.
11.3.1 Overview
Channel 10:
(3) Multiplied clock correction block
366
Description amended
…When the 16-bit correction counter 10F (TCNT10F)
value exceeds that in 16-bit correction counter 10E
(TCNT10E) , no count-up operation is performed.
11.3.2 Free-Running Counter Operation
and Cyclic Counter Operation
Figure 11.13 Free-Running Counter
Operation and Overflow Timing
367
Figure amended
P
φ
TSTR1
STR0
TCNT0
Clock
TCNT0
TSR0
OVF0
00000001
00000002
00000006
00000005
00000004
00000003


Similar Part No. - HD64F7058BP80L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F7050 RENESAS-HD64F7050 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
HD64F7051 RENESAS-HD64F7051 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
HD64F7051SFJ20V RENESAS-HD64F7051SFJ20V Datasheet
4Mb / 843P
   Hardware Manual Renesas 32-Bit RISC
HD64F7052F40 RENESAS-HD64F7052F40 Datasheet
3Mb / 919P
   SuperHTM RISC engine
HD64F7053F40 RENESAS-HD64F7053F40 Datasheet
3Mb / 919P
   SuperHTM RISC engine
More results

Similar Description - HD64F7058BP80L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
SH7052 RENESAS-SH7052 Datasheet
3Mb / 919P
   SuperHTM RISC engine
SH7760 RENESAS-SH7760 Datasheet
6Mb / 1345P
   SuperHTM RISC engine
SH7720 RENESAS-SH7720 Datasheet
8Mb / 1524P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7710 RENESAS-SH7710 Datasheet
5Mb / 996P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7619 RENESAS-SH7619_09 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7712 RENESAS-SH7712 Datasheet
5Mb / 978P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7205 RENESAS-SH7205 Datasheet
10Mb / 1904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com