Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F7058BP80K Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD64F7058BP80K
Description  Renesas SuperHTM RISC engine
Download  1130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7058BP80K Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD64F7058BP80K Datasheet HTML 3Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 4Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 5Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 6Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 7Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 8Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 9Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 10Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1130 page
background image
Rev. 3.0, 09/04, page iv of xxxviii
Item
Page
Revisions (See Manual for Details)
7.5 Interrupt Response Time
Table 7.5 Interrupt Response Time
122
Table amended
Item
Peripheral
Module
NMI
Number of States
IRQ
Notes
Synchronizing input signal
(synchronized with
peripheral clock P
φ) with
internal clock
φ and DMAC
activation judgment
0 or 6
[0 or 3]
1 to 4
[1 or 2]
6 to 9
[3 to 5]
Interrupt
response time
(7 or 13) +
m1 + m2 +
m3 + X
Total:
(8 to 11) +
m1 + m2 +
m3 + X
(13 to 16) +
m1 + m2 +
m3 + X
17 + 2 (m1 +
m2 + m3) +
m4
Maximum:
15 + 2 (m1 +
m2 + m3) +
m4
20 + 2 (m1 +
m2 + m3) +
m4
10
Minimum:
11
16
For the number of states
required for each interrupt,
see the note (*) below.
The values enclosed in [ ]
are values for when the
multiplication ratio is 4.
Wait for completion of
sequence currently
being executed by CPU
X (
≥ 0)
The longest sequence is for
interrupt or address-error
exception processing (X = 4
+ m1 + m2 + m3 + m4). If an
interrupt-masking instruction
follows, however, the time
may be even longer.
Time from start of interrupt
exception processing until
fetch of first instruction of
exception service routine
starts
Note: * Number of states needed for synchronization and DMAC activation judgment
The relations between numbers of states needed for synchronizing an input signal
(synchronized with the peripheral clock P
φ) with the internal clock φ and DMAC activation
judgment and vector numbers are shown below.
0 state: 9, 10, 12, 13, 14, 72, 74, 76, 78, 189, 193, and 224
6 states: Peripheral module interrupts other than the above. However, vector number
222 (HCAN0/RM0) is different from the others.
For an interrupt with vector number 222 (HCAN0/RM0), the needed states differ from
other interrupts since the interrupt by HCAN0 mailbox 0 can activate the DMAC.
HCAN0 mailbox 0: 7 states
Other than above: 6 states
The same number of states is needed to cancel interrupt sources.
If the necessary number of states is not secured after flag clear of the interrupt
source, the interrupt may occur again.
5 + m1 + m2 + m3
Performs the PC and SR
saves and vector address
fetch.
Compare identified interrupt
priority with SR mask level
22
2
7.5 Interrupt Response Time
Figure 7.4 Example of Pipeline
Operation when an IRQ Interrupt is
Accepted
123
Figure amended
Interrupt acceptance
Instruction
Interrupt controller
processing
Synchronization
of
IRQ
IRQ
2
6 to 9
3
m1 m2
1 m3 1
FD
E
E
M
M
E
M
E
E
F
FD
E
5 + m1 + m2 + m3
Overrun fetch
Interrupt service routine
start instruction
9.1.5 Address Map
Table 9.3 Address Map
• Number of Access Cycles for On-Chip
Peripheral Module Registers
146
Newly added
10.3.2 DMA Transfer Requests
179
Description added
In on-chip peripheral module request mode, when the
DMAC accepts the transfer request, the next transfer
request is ignored until a single transfer ends in cycle
steal mode or all transfers end in burst mode. Only
when the address reload function is used, the next
transfer request is accepted after the fourth transfer.


Similar Part No. - HD64F7058BP80K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F7050 RENESAS-HD64F7050 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
HD64F7051 RENESAS-HD64F7051 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
HD64F7051SFJ20V RENESAS-HD64F7051SFJ20V Datasheet
4Mb / 843P
   Hardware Manual Renesas 32-Bit RISC
HD64F7052F40 RENESAS-HD64F7052F40 Datasheet
3Mb / 919P
   SuperHTM RISC engine
HD64F7053F40 RENESAS-HD64F7053F40 Datasheet
3Mb / 919P
   SuperHTM RISC engine
More results

Similar Description - HD64F7058BP80K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
SH7052 RENESAS-SH7052 Datasheet
3Mb / 919P
   SuperHTM RISC engine
SH7760 RENESAS-SH7760 Datasheet
6Mb / 1345P
   SuperHTM RISC engine
SH7720 RENESAS-SH7720 Datasheet
8Mb / 1524P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7710 RENESAS-SH7710 Datasheet
5Mb / 996P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7619 RENESAS-SH7619_09 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7712 RENESAS-SH7712 Datasheet
5Mb / 978P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7205 RENESAS-SH7205 Datasheet
10Mb / 1904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com