Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F2L3ACADFA
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
Download  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFA Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F2L3ACADFA Datasheet HTML 3Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 4Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 5Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 6Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 7Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 8Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 9Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 10Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 848 page
background image
4.
List of Abbreviations and Acronyms
All trademarks and registered trademarks are the property of their respective owners.
Abbreviation
Full Form
ACIA
Asynchronous Communication Interface Adapter
bps
bits per second
CRC
Cyclic Redundancy Check
DMA
Direct Memory Access
DMAC
Direct Memory Access Controller
GSM
Global System for Mobile Communications
Hi-Z
High Impedance
IEBus
Inter Equipment Bus
I/O
Input/Output
IrDA
Infrared Data Association
LSB
Least Significant Bit
MSB
Most Significant Bit
NC
Non-Connection
PLL
Phase Locked Loop
PWM
Pulse Width Modulation
SFR
Special Function Register
SIM
Subscriber Identity Module
UART
Universal Asynchronous Receiver/Transmitter
VCO
Voltage Controlled Oscillator


Similar Part No. - R5F2L3ACADFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L3ACCDFA RENESAS-R5F2L3ACCDFA Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L3ACCDFA RENESAS-R5F2L3ACCDFA Datasheet
896Kb / 75P
   RENESAS MCU
R5F2L3ACCDFP RENESAS-R5F2L3ACCDFP Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L3ACCDFP RENESAS-R5F2L3ACCDFP Datasheet
896Kb / 75P
   RENESAS MCU
R5F2L3ACCNFA RENESAS-R5F2L3ACCNFA Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
More results

Similar Description - R5F2L3ACADFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C2E RENESAS-R8C2E Datasheet
3Mb / 354P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2K RENESAS-R8C2K Datasheet
4Mb / 471P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C20 RENESAS-R8C20 Datasheet
4Mb / 501P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2A RENESAS-R8C2A Datasheet
6Mb / 609P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2H RENESAS-R8C2H Datasheet
3Mb / 367P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C23 RENESAS-R8C23 Datasheet
5Mb / 549P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2C RENESAS-R8C2C Datasheet
6Mb / 615P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2G RENESAS-R8C2G Datasheet
3Mb / 344P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C-20 RENESAS-R8C-20_1 Datasheet
4Mb / 501P
   MCU R8C FAMILY / R8C/2x SERIES
R8C27 RENESAS-R8C27 Datasheet
4Mb / 485P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com