Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417320BP133C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD6417320BP133C
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
Download  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417320BP133C Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD6417320BP133C Datasheet HTML 1Page - Renesas Technology Corp HD6417320BP133C Datasheet HTML 2Page - Renesas Technology Corp HD6417320BP133C Datasheet HTML 3Page - Renesas Technology Corp HD6417320BP133C Datasheet HTML 4Page - Renesas Technology Corp HD6417320BP133C Datasheet HTML 5Page - Renesas Technology Corp HD6417320BP133C Datasheet HTML 6Page - Renesas Technology Corp HD6417320BP133C Datasheet HTML 7Page - Renesas Technology Corp HD6417320BP133C Datasheet HTML 8Page - Renesas Technology Corp HD6417320BP133C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page iv of lxii
General Precautions on Handling of Product
1. Treatment of NC Pins
Note:
Do not connect anything to the NC pins.
The NC (not connected) pins are either not connected to any of the internal circuitry or are
used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note:
Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note:
When power is first supplied, the product's state is undefined.
The states of internal circuits are undefined until full power is supplied throughout the
chip and a low level is input on the reset pin. During the period where the states are
undefined, the register settings and the output state of each pin are also undefined. Design
your system so that it does not malfunction because of processing while it is in this
undefined state. For those products which have a reset function, reset the LSI immediately
after the power supply has been turned on.
4. Prohibition of Access to Undefined or Reserved Addresses
Note:
Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these addresses. Do not access these registers; the system's
operation is not guaranteed if they are accessed.


Similar Part No. - HD6417320BP133C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6417014F28 RENESAS-HD6417014F28 Datasheet
4Mb / 754P
   32-Bit RISC Microcomputer
HD6417014RF28 RENESAS-HD6417014RF28 Datasheet
4Mb / 754P
   32-Bit RISC Microcomputer
logo
Hitachi Semiconductor
HD6417020SVX12I HITACHI-HD6417020SVX12I Datasheet
1Mb / 507P
   SuperH??RISC engine
HD6417020SX20I HITACHI-HD6417020SX20I Datasheet
1Mb / 507P
   SuperH??RISC engine
HD6417021 HITACHI-HD6417021 Datasheet
1Mb / 507P
   SuperH??RISC engine
More results

Similar Description - HD6417320BP133C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7710 RENESAS-SH7710 Datasheet
5Mb / 996P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7712 RENESAS-SH7712 Datasheet
5Mb / 978P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7713 RENESAS-SH7713 Datasheet
5Mb / 904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
HD6417705 RENESAS-HD6417705 Datasheet
4Mb / 739P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
SH7709S RENESAS-SH7709S Datasheet
4Mb / 807P
   Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
SH7729R RENESAS-SH7729R Datasheet
4Mb / 855P
   Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
SH7706 RENESAS-SH7706 Datasheet
4Mb / 749P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com