Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37540E8T-XXXGP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M37540E8T-XXXGP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
Download  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540E8T-XXXGP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M37540E8T-XXXGP Datasheet HTML 1Page - Renesas Technology Corp M37540E8T-XXXGP Datasheet HTML 2Page - Renesas Technology Corp M37540E8T-XXXGP Datasheet HTML 3Page - Renesas Technology Corp M37540E8T-XXXGP Datasheet HTML 4Page - Renesas Technology Corp M37540E8T-XXXGP Datasheet HTML 5Page - Renesas Technology Corp M37540E8T-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M37540E8T-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M37540E8T-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M37540E8T-XXXGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 366 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
7540 Group User’s Manual
1.00 Sep. 17, 2002
1.10 May 28, 2003
First edition issued
[Pull-up control register] PULL; Note added.
Fig.15; Note 2 eliminated.
Fig.17; (2) Ports P01,P02 revised.
Fig.29; Port P03 direction register block, Port P01 direction register block and
Port P02 direction register block revised.
(3) RC oscillation revised.
Fig.2.4.12; RTI
→ RTS
Fig.2.4.16; Prescaler X 1/4
→ 1/2, CNTR0 pin output 4 MHz → 4 kHz
Fig.2.4.17; The second CPUM setting 00000X002
→ 11000X002
Prescaler X 0316
→ 0116, Note 2 revised.
Fig.2.4.26; The followings are revised.
The second setting of CNTR0 interrupt enable bit and Timer X interrupt enable bit.
The second setting of timer X mode register.
Fig.3.3.5; NOP added.
1-17
1-19
1-34
1-45
2-49
2-52
2-53
2-61
3-86
2.00
Jun. 21, 2004
Words standardized: On-chip oscillator, A/D converter
Fig. 8: “Under development” eliminated.
Table 2: “Under development” eliminated.
CPU: Description revised.
[Pull-up control register] PULL: Note added
Fig.17 (2) Ports P01, P02 revised.
Fig. 29 P03/TXOUT, P01/TYOUT, P02/TZOUT revised.
Note on A/D converter added.
Fig. 49 revised.
Note on A/D converter added.
Notes on clock generating circuit: On-chip oscillator operation added.
Note on Power Source Voltage, and Electrical Characteristic Difference Among
Mask ROM and One Time PROM Version MCUs added.
Fig.2.1.6: Note 2 eliminated.
Fig.2.2.3: Note 2 eliminated.
2.2.7 Notes on timer A, (2): Register name revised.
Fig.2.3.2: Description revised.
Fig.2.5.7: Description revised.
2.8.4 Notes on A/D converter: (3) added.
2.9.6 Notes on oscillation stop detection circuit, (1): ➁ added.
3.3.10 Notes on A/D converter: (3) added.
3.3.11 Notes on oscillation stop detection circuit, (1): ➁ added.
3.3.19 Note on Power Source Voltage and 3.3.20 Electrical Characteristic Differ-
ence Among Mask ROM and One Time PROM Version MCUs added.
All pages
1-9
1-10
1-11
1-17
1-19
1-34
1-42
1-45
1-51
1-52
2-5
2-14
2-35
2-36
2-66
2-134
2-145
3-82
3-83
3-91
(1/2)


Similar Part No. - M37540E8T-XXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37540E8T-XXXGP RENESAS-M37540E8T-XXXGP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37540E8T-XXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3804H_M RENESAS-3804H_M Datasheet
2Mb / 387P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7480_M RENESAS-7480_M Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
3800 RENESAS-3800 Datasheet
1Mb / 174P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38C3_M RENESAS-38C3_M Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7470_N RENESAS-7470_N Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7_M RENESAS-38B7_M Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7470_M RENESAS-7470_M Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
3802_M RENESAS-3802_M Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com