Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2398F20T Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD64F2398F20T
Description  16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
Download  1047 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2398F20T Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD64F2398F20T Datasheet HTML 6Page - Renesas Technology Corp HD64F2398F20T Datasheet HTML 7Page - Renesas Technology Corp HD64F2398F20T Datasheet HTML 8Page - Renesas Technology Corp HD64F2398F20T Datasheet HTML 9Page - Renesas Technology Corp HD64F2398F20T Datasheet HTML 10Page - Renesas Technology Corp HD64F2398F20T Datasheet HTML 11Page - Renesas Technology Corp HD64F2398F20T Datasheet HTML 12Page - Renesas Technology Corp HD64F2398F20T Datasheet HTML 13Page - Renesas Technology Corp HD64F2398F20T Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 1047 page
background image
Rev.6.00 Oct.28.2004 page vi of xxiv
REJ09B0138-0600H
Item
Page
Revision (See Manual for Details)
19.18.2 Program-Verify Mode
Figure 19-48 Program/Program-
Verify Flowchart
639
Figure 19-48 amended, note *6 added
Start
End of programming
End sub
Set SWE bit in FLMCR1
Wait (x)
µs
n = 1
m = 0
Sub-routine-call
See note 7 regarding pulse width
switching.
Note: 7 Write Pulse Width
Start of programming
Sub-routine write pulse
Set PSU bit in FLMCR1
Enable WDT
Set P bit in FLMCR1
Wait (y)
µs
Clear P bit in FLMCR1
Wait (z1)
µs or (z2) µs or (z3) µs
Clear PSU bit in FLMCR1
Wait (
α) µs
Disable WDT
Wait (
β) µs
Write pulse application subroutine
NG
NG
NG
NG
NG
NG
OK
OK
OK
OK
OK
Wait (
γ) µs
Wait (
ε) µs
*2
*4
*5*6
*6
*6
*6
*1
Set PV bit in FLMCR1
H'FF dummy write to verify address
Read verify data
Additional program data computation
Transfer additional program data to
additional program data area
Read data = verify
data?
*4
*1
*6
*6
*6
*6
*6
*6
*6
*6
*4
*3
Reprogram data computation
Clear PV bit in FLMCR1
Clear SWE bit in FLMCR1
m = 1
128-byte
data verification
completed?
m = 0?
6
≥ n ?
6
≥ n ?
Increment address
Programming failure
OK
Clear SWE bit in FLMCR1
n
≥ N?
Write 128-byte data in RAM reprogram
data area consecutively to flash memory
Write pulse
(z1)
µs or (z2) µs
Perform programming in the erased state.
Do not perform additional programming
on previously programmed addresses.
RAM
Program data area
(128 bytes)
Reprogram data area
(128 bytes)
Additional program data
area (128 bytes)
Store 128-byte program data in program
data area and reprogram data area
Number of Writes (n)
1
2
3
4
5
6
7
8
9
10
11
12
13
.
.
.
998
999
1000
Write Time (z)
µs
z1
z1
z1
z1
z1
z1
z2
z2
z2
z2
z2
z2
z2
.
.
.
z2
z2
z2
Transfer reprogram data to reprogram
data area
n
← n + 1
Note: Use a (z3)
µs write pulse for additional
programming.
Sequentially write 128-byte data in
additional program data area in RAM to
flash memory
Write Pulse
(z3
µs additional write pulse)
Wait (
θ) µs
Wait (
η) µs
Wait (
θ) µs
22.3.6 Flash Memory
Characteristics
Table 22-21 Flash Memory
Characteristics (HD64F2398F20,
HD64F2398TE20)
724
Table 22-21 title amended
Table 22-22 Flash Memory
Characteristics (HD64F2398F20T,
HD64F2398TE20T)
726
Table 22-22 added


Similar Part No. - HD64F2398F20T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2398F20T RENESAS-HD64F2398F20T Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
More results

Similar Description - HD64F2398F20T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2125 RENESAS-H8S2125 Datasheet
4Mb / 700P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2112R RENESAS-H8S2112R Datasheet
5Mb / 984P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2117R RENESAS-H8S2117R Datasheet
5Mb / 1024P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2153 RENESAS-H8S2153 Datasheet
4Mb / 750P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2112 RENESAS-H8S2112 Datasheet
5Mb / 894P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2172 RENESAS-H8S-2172 Datasheet
4Mb / 570P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2168 RENESAS-H8S2168 Datasheet
5Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2158 RENESAS-H8S2158 Datasheet
6Mb / 927P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2199R RENESAS-H8S2199R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2111B RENESAS-H8S2111B Datasheet
3Mb / 582P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com