Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F3062RVTE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD64F3062RVTE
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
Download  1021 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3062RVTE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD64F3062RVTE Datasheet HTML 4Page - Renesas Technology Corp HD64F3062RVTE Datasheet HTML 5Page - Renesas Technology Corp HD64F3062RVTE Datasheet HTML 6Page - Renesas Technology Corp HD64F3062RVTE Datasheet HTML 7Page - Renesas Technology Corp HD64F3062RVTE Datasheet HTML 8Page - Renesas Technology Corp HD64F3062RVTE Datasheet HTML 9Page - Renesas Technology Corp HD64F3062RVTE Datasheet HTML 10Page - Renesas Technology Corp HD64F3062RVTE Datasheet HTML 11Page - Renesas Technology Corp HD64F3062RVTE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1021 page
background image
Rev. 6.00 Mar 18, 2005 page viii of xlviii
H8/3062F-ZTAT
R-Mask Version
H8/3062 Masked
ROM Version,
H8/3061 Masked
ROM Version,
H8/3060 Masked
ROM Version
H8/3064F-ZTAT
B-Mask Version
H8/3062F-ZTAT
B-Mask Version
H8/3064 Masked ROM
B-Mask Version,
H8/3062 Masked ROM
B-Mask Version,
H8/3061 Masked ROM
B-Mask Version,
H8/3060 Masked ROM
B-Mask Version
ROM size
128 kbytes
H8/3062: 128 kbytes
H8/3061: 96 kbytes
H8/3060: 64 kbytes
256 kbytes
128 kbytes
H8/3064B: 256 kbytes
H8/3062B: 128 kbytes
H8/3061B: 96 kbytes
H8/3060B: 64 kbytes
Address
output
functions
Address update mode 1 or 2 selectable
See section 6.3.5, Address Output Method
Flash
memory
See section 17,
ROM
See section 18.1.1,
Differences from
H8/3062F-ZTAT R-
Mask Version and
H8/3064F-ZTAT B-
Mask Version
See section 19.1.1,
Differences from
H8/3062F-ZTAT R-
Mask Version and
H8/3062F-ZTAT B-
Mask Version
Masked
ROM
See section 17,
ROM
Masked ROM B-mask
version of H8/3064: see
section 18.
Masked ROM B-mask
versions of H8/3062,
H8/3061, and H8/3060:
see section 19.
See table 22.1, Comparison of H8/3062 Group Electrical Characteristics, in section 22
Electrical
charac-
teristics
(operating
frequency)
1 to 20 MHz
2 to 25 MHz
Registers
See table B.1, Comparison of H8/3062 Group Internal I/O Register Specifications, in appendix B
See appendix B.1,
Address List
See appendix B.1,
Address List
See appendix B.2,
Address List
See appendix B.3,
Address List
Masked ROM B-mask
version of H8/3064: see
appendix B.2, Address
List.
Masked ROM B-mask
versions of H8/3062,
H8/3061, and H8/3060:
see appendix B.3,
Address List.
Usage
notes
See section 1.4, Notes on H8/3062F-ZTAT
R-Mask Version
See section 1.5, Notes on H8/3064F-ZTAT B-Mask Version,
H8/3062F-ZTAT B-Mask Version, H8/3064 Masked ROM B-Mask
Version, H8/3062 Masked ROM B-Mask Version, H8/3061 Masked
ROM B-Mask Version, and H8/3060 Masked ROM B-Mask Version


Similar Part No. - HD64F3062RVTE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3068F RENESAS-HD64F3068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3068TE RENESAS-HD64F3068TE Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3069R RENESAS-HD64F3069R Datasheet
4Mb / 1003P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
HD64F3069R RENESAS-HD64F3069R Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F3069RF25 RENESAS-HD64F3069RF25 Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
More results

Similar Description - HD64F3062RVTE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H83048 RENESAS-H83048 Datasheet
8Mb / 905P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83068F RENESAS-H83068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83028 RENESAS-H83028 Datasheet
8Mb / 923P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83029 RENESAS-H83029 Datasheet
4Mb / 1010P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83024 RENESAS-H83024 Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H8-3067 RENESAS-H8-3067 Datasheet
4Mb / 963P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H836912 RENESAS-H836912 Datasheet
3Mb / 440P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836049 RENESAS-H836049 Datasheet
3Mb / 562P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com