Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF02M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DF02M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF02M Datasheet(HTML) 2 Page - Vishay Siliconix

  DF02M Datasheet HTML 1Page - Vishay Siliconix DF02M Datasheet HTML 2Page - Vishay Siliconix DF02M Datasheet HTML 3Page - Vishay Siliconix DF02M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DF005M thru DF10M
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88571
Revision: 14-Jan-08
2
Note:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13 x 13 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
DF005M
DF01M
DF02M
DF04M
DF06M
DF08M
DF10M
UNIT
Maximum
instantaneous forward
voltage drop per diode
1.0 A
VF
1.1
V
Maximum
reverse current at
rated DC blocking
voltage per diode
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
Typical junction
capacitance per diode
4.0 V, 1 MHz
CJ
25
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
DF005M
DF01M
DF02M
DF04M
DF06M
DF08M
DF10M
UNIT
Typical thermal resistance (1)
RθJA
RθJL
40
15
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
DF06M-E3/45
0.416
45
50
Tube
Figure 1. Derating Curve Output Rectified Current
20
40
60
80
100
120
140 150
0
0.5
1.0
60 Hz
Resistive or
Inductive Load
P.C.B. Mounted on
0.51 x 0.51" (13 x 13 mm)
Copper Pads with 0.06"
(1.5 mm) Lead Length
Ambient Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
1
10
100
0
10
20
30
40
50
60
1.0 Cycle
T
J = 150 °C
Single Sine-Wave
Number of Cycles at 60 Hz


Similar Part No. - DF02M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF02M FAIRCHILD-DF02M Datasheet
33Kb / 2P
   1.5 Ampere Bridge Rectifiers
DF02M FAIRCHILD-DF02M Datasheet
119Kb / 3P
   Bridge Rectifiers
logo
Diodes Incorporated
DF02M DIODES-DF02M Datasheet
61Kb / 2P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
logo
Shenzhen Luguang Electr...
DF02M LUGUANG-DF02M Datasheet
141Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Fuji Electric
DF02M FUJI-DF02M Datasheet
660Kb / 1P
   1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DF02M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 01-Feb-08
B2M VISHAY-B2M Datasheet
100Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 16-Aug-13
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
DF005MA VISHAY-DF005MA_13 Datasheet
80Kb / 5P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 16-Aug-13
B2M VISHAY-B2M_V01 Datasheet
89Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
DF005MA VISHAY-DF005MA Datasheet
96Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 14-Jan-08
DFMA VISHAY-DFMA Datasheet
89Kb / 5P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 03-Sep-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com