Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2799DN-T1-E4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2799DN-T1-E4
Description  Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2799DN-T1-E4 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2799DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2799DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2799DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2799DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2799DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2799DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2799DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG2799DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG2799DN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
DG2799
Document Number: 72922
S-52336–Rev. F, 07-Nov-05
www.vishay.com
1
Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
FEATURES
Low Voltage Operation (1.65 V to 4.3 V)
Low On-Resistance - rON: 0.25 Ω @ 2.7 V
Fast Switching: tON = 28 ns
tOFF = 17 ns
QFN-16 (3 x 3) Package
Latch-Up Current > 300 mA (JESD78)
BENEFITS
Reduced Power Consumption
High Accuracy
Reduce Board Space
TTL/1.8-V Logic Compatible
High Bandwidth
APPLICATIONS
Cellular Phones
Speaker Headset Switching
Audio and Video Signal Routing
PCMCIA Cards
Battery Operated Systems
DESCRIPTION
The DG2799 is a dual double-pole/double-throw monolithic
CMOS analog switch designed for high performance switch-
ing of analog signals. Combining low power, high speed, low
on-resistance and small physical size, the DG2799 is ideal
for portable and battery powered applications requiring high
performance and efficient use of board space.
The DG2799 is built on Vishay Siliconix’s low voltage pro-
cess. An epitaxial layer prevents latchup. Break-before-
make is guaranteed.
The switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.
As a committed partner to the community and the environ-
ment, Vishay Siliconix manufactures this product with the
lead (Pb)-free device terminations. For analog switching
products manufactured in QFN packages, the lead (Pb)-free
“-E3/E4” only suffix is being used as a designator. Lead (Pb)-
free QFN products purchased at any time will have either a
nickel-palladium-gold device termination or a 100 % matte
tin device termination. The different lead (Pb)-free materials
are interchangeable and meet all JEDEC standards for
reflow and MSL rating.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
NOTE:
Underside exposed pad has no device electrical connection. It is rec-
ommended that no electrical connection is made to it.
IN1, IN2
NO4
COM2
NO2
NC3
IN3, IN4
NC1
COM4
1
2
3
12
11
10
4
9
56
78
16
15
14
13
NC2
GND
NO3 COM3
COM1 NO1
V+
NC4
Top View
DG2799
QFN-16 (3 X 3)
TRUTH TABLE
Logic
NC1, 2, 3 and 4
NO1, 2, 3 and 4
0ON
OFF
1OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
–40 to 85°C
16-Pin QFN (3 x 3 mm)
Variation 2
DG2799DN-T1—E4


Similar Part No. - DG2799DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
Willow Technologies Ltd
DG27 WILLOW-DG27 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
DG27-7011-25 WILLOW-DG27-7011-25 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
DG27-7011-35 WILLOW-DG27-7011-35 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
DG27-7012-25 WILLOW-DG27-7012-25 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
More results

Similar Description - DG2799DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. E, 28-Feb-11
DG2017 VISHAY-DG2017 Datasheet
77Kb / 7P
   Low-Voltage, Low ON, Dual DPDT Analog Switch
Rev. A, 26-May-03
logo
Renesas Technology Corp
ISL43L410 RENESAS-ISL43L410 Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410 INTERSIL-ISL43L410 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
ISL43L410 INTERSIL-ISL43L410_06 Datasheet
276Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com