Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448WS-V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1N4448WS-V
Description  Small Signal Fast Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4448WS-V Datasheet(HTML) 1 Page - Vishay Siliconix

  1N4448WS-V Datasheet HTML 1Page - Vishay Siliconix 1N4448WS-V Datasheet HTML 2Page - Vishay Siliconix 1N4448WS-V Datasheet HTML 3Page - Vishay Siliconix 1N4448WS-V Datasheet HTML 4Page - Vishay Siliconix 1N4448WS-V Datasheet HTML 5Page - Vishay Siliconix 1N4448WS-V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1N4448WS-V
Document Number 81387
Rev. 1.0, 04-Sep-06
Vishay Semiconductors
www.vishay.com
1
20145
Small Signal Fast Switching Diode
Features
• These diodes are also available in other
case styles including the DO35 case
with the type designation 1N4448, the
MiniMELF case with the type designa-
tion LL4448, and the SOT23 case with the type
designation IMBD4448-V
• Silicon Epitaxial Planar Diode
• Fast switching diodes
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD323 Plastic case
Weight: approx. 4.3 mg
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature.
Part
Ordering code
Type Marking
Remarks
1N4448WS-V
1N4448WS-V-GS18 or 1N4448WS-V-GS08
A3
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
75
V
Peak reverse voltage
VRM
100
V
Average rectified current half
wave rectification with resistive
load
f
≥ 50 Hz
IF(AV)
1501)
mA
Surge forward current
t < 1 s and Tj = 25 °C
IFSM
350
mA
Power dissipation
Ptot
2001)
mW
e3


Similar Part No. - 1N4448WS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4448WS-V VISHAY-1N4448WS-V Datasheet
70Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.3, 17-Aug-10
1N4448WS-V VISHAY-1N4448WS-V Datasheet
80Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.1, 12-Aug-10
logo
SUNMATE electronic Co.,...
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
logo
Vishay Siliconix
1N4448WS-V VISHAY-1N4448WS-V_12 Datasheet
80Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.1, 12-Aug-10
More results

Similar Description - 1N4448WS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com