Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448W-V-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N4448W-V-GS08
Description  Small Signal Fast Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4448W-V-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  1N4448W-V-GS08 Datasheet HTML 1Page - Vishay Siliconix 1N4448W-V-GS08 Datasheet HTML 2Page - Vishay Siliconix 1N4448W-V-GS08 Datasheet HTML 3Page - Vishay Siliconix 1N4448W-V-GS08 Datasheet HTML 4Page - Vishay Siliconix 1N4448W-V-GS08 Datasheet HTML 5Page - Vishay Siliconix 1N4448W-V-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85722
Rev. 1.3, 12-Dec-05
1N4448W-V
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Rectification Efficieny Measurement
Circuit
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
3501)
K/W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 5 mA
VF
0.62
0.72
V
IF = 100 mA
VF
1V
Leakage current
VR = 20 V
IR
25
nA
VR = 75 V
IR
5µA
VR = 20 V, TJ = 150 °C
IR
50
µA
Capacitance
VF = VR = 0 V
4
pF
Reverse recovery time
IF = 10 mA to IR = 10 mA,
VR = 6 V, RL = 100 Ω
trr
4ns
Rectification efficiency
f = 100 MHz, VRF = 2 V
ην
0.45
17436
60
Ω
5k
Ω
2nF
VO
V
=2V
RF


Similar Part No. - 1N4448W-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4448W-V VISHAY-1N4448W-V Datasheet
76Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 17-Aug-10
1N4448W-V VISHAY-1N4448W-V_12 Datasheet
76Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 17-Aug-10
More results

Similar Description - 1N4448W-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com