Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N1135 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 6N1135
Description  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1135 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 6N1135_08 Datasheet HTML 2Page - Vishay Siliconix 6N1135_08 Datasheet HTML 3Page - Vishay Siliconix 6N1135_08 Datasheet HTML 4Page - Vishay Siliconix 6N1135_08 Datasheet HTML 5Page - Vishay Siliconix 6N1135_08 Datasheet HTML 6Page - Vishay Siliconix 6N1135_08 Datasheet HTML 7Page - Vishay Siliconix 6N1135_08 Datasheet HTML 8Page - Vishay Siliconix 6N1135_08 Datasheet HTML 9Page - Vishay Siliconix 6N1135_08 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 6N1135_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135-X007 VISHAY-6N1135-X007 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
More results

Similar Description - 6N1135_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com