Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N138-X009 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 6N138-X009
Description  High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N138-X009 Datasheet(HTML) 2 Page - Vishay Siliconix

  6N138-X009 Datasheet HTML 1Page - Vishay Siliconix 6N138-X009 Datasheet HTML 2Page - Vishay Siliconix 6N138-X009 Datasheet HTML 3Page - Vishay Siliconix 6N138-X009 Datasheet HTML 4Page - Vishay Siliconix 6N138-X009 Datasheet HTML 5Page - Vishay Siliconix 6N138-X009 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 83605
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-May-08
185
6N138/6N139
High Speed Optocoupler, 100 kBd,
Low Input Current, Photodiode Darlington
Output
Vishay Semiconductors
Notes
(1) Tamb = 25 °C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device.
Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this
document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
(2) Derate linearly above 50 °C free-air temperature at a rate of 0.4 mA/°C.
(3) Derate linearly above 50 °C free-air temperature at a rate of 0.7 mW/°C.
(4) Derate linearly above 25 °C free-air temperature at a rate of 0.7 mA/°C.
(5) Derate linearly above 25 °C free-air temperature at a rate of 2.0 mW/°C.
(6) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
5.0
V
Forward current
IF
25
mA
Average input current
If(avg)
20
mA
Input power dissipation (2)(4)
Pdiss
35
mW
OUTPUT
Supply and output voltage
Pin 8 to 5, pin 6 to 5
6N138
VCC, VO
- 0.5 to 7.0
V
Pin 8 to 5, pin 6 to 5
6N139
VCC, VO
- 0.5 to 18
V
Emitter base reverse voltage
pin 5 to 7
0.5
V
Peak input current
50 % duty cycle - 1.0 ms
pulse width
40
mA
Peak transient input current
tp ≤ 1.0 µs, 300 pps
1.0
A
Output current
Pin 6
IO
60
mA
Output power dissipation (3)(5)
Pdiss
100
mW
COUPLER
Isolation test voltage
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 ° C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 ° C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to + 125
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering temperature (6)
t = 10 s
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Input forward voltage
IF = 1.6 mA
VF
1.4
1.7
V
Input reverse breakdown voltage
IR = 10 µA
BVR
5.0
V
Temperature coefficient of forward
voltage
IF = 1.6 mA
- 1.8
mV/°C


Similar Part No. - 6N138-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N138-X009 VISHAY-6N138-X009 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
More results

Similar Description - 6N138-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
6N139 VISHAY-6N139 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 2.0, 14-Jul-15
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.5, 26-Oct-04
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com