Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N1136-X009 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 6N1136-X009
Description  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1136-X009 Datasheet(HTML) 3 Page - Vishay Siliconix

  6N1136-X009 Datasheet HTML 1Page - Vishay Siliconix 6N1136-X009 Datasheet HTML 2Page - Vishay Siliconix 6N1136-X009 Datasheet HTML 3Page - Vishay Siliconix 6N1136-X009 Datasheet HTML 4Page - Vishay Siliconix 6N1136-X009 Datasheet HTML 5Page - Vishay Siliconix 6N1136-X009 Datasheet HTML 6Page - Vishay Siliconix 6N1136-X009 Datasheet HTML 7Page - Vishay Siliconix 6N1136-X009 Datasheet HTML 8Page - Vishay Siliconix 6N1136-X009 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83909
162
Rev. 1.6, 07-May-08
6N1135/6N1136
Vishay Semiconductors
High Speed Optocoupler, 1 MBd,
Photodiode with Transistor Output, 110 °C
Rated
Fig. 1 - Switching Times
Fig. 2 - Common-Mode Interference Immunity
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
High to low
IF = 16 mA, VCC = 5.0 V, RL = 4.1 kΩ
6N1135
tPHL
0.3
1.5
µs
IF = 16 mA, VCC = 5.0 V, RL = 1.9 kΩ
6N1136
tPHL
0.2
0.8
µs
Low to high
IF = 16 mA, VCC = 5.0 V, RL = 4.1 kΩ
6N1135
tPLH
0.3
1.5
µs
IF = 16 mA, VCC = 5.0 V, RL = 1.9 kΩ
6N1136
tPLH
0.2
0.8
µs
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
High
IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 kΩ
6N135
|CMH|
1000
V/µs
IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 kΩ
6N136
|CMH|
1000
V/µs
Low
IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 kΩ
6N135
|CML|
1000
V/µs
IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 kΩ
6N136
|CML|
1000
V/µs
i6n135_01
VOL
t
t
5 V
1.5 V
VO
IF
tPLH
tPHL
1
2
3
4
8
7
6
5
IF
VO
RL
5 V
Pulse generator
Z O = 50 Ω
tr,tf = 5 ns
duty cycle 10 %
t
≤ 100 µs
CL
15 pF
IF Monitor
100
Ω
ı
i6n135_02
VCM
VO
VO
10 V
5 V
0 V
VOL
90 %
10 %
90 %
10 %
tr
tf
t
t
t
A: IF = 0 mA
B: IF = 16 mA
1
2
3
4
8
7
6
5
B
VFF
IF
+VCM
VO
RL
5 V
A
Pulse generator
Z O = 50 Ω
tr,tf = 8 ns


Similar Part No. - 6N1136-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1136-X009 VISHAY-6N1136-X009 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
More results

Similar Description - 6N1136-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com