Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO2630-X006 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VO2630-X006
Description  High Speed Optocoupler, 10 MBd
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO2630-X006 Datasheet(HTML) 4 Page - Vishay Siliconix

  VO2630-X006 Datasheet HTML 1Page - Vishay Siliconix VO2630-X006 Datasheet HTML 2Page - Vishay Siliconix VO2630-X006 Datasheet HTML 3Page - Vishay Siliconix VO2630-X006 Datasheet HTML 4Page - Vishay Siliconix VO2630-X006 Datasheet HTML 5Page - Vishay Siliconix VO2630-X006 Datasheet HTML 6Page - Vishay Siliconix VO2630-X006 Datasheet HTML 7Page - Vishay Siliconix VO2630-X006 Datasheet HTML 8Page - Vishay Siliconix VO2630-X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Document Number: 84732
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.3, 06-Oct-08
177
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
High Speed Optocoupler, 10 MBd
Vishay Semiconductors
Notes
(1) Over recommended temperature (Tamb = - 40 °C to + 100 °C), VCC = 5 V, IF = 7.5 mA unless otherwise specified.
All typicals at Tamb = 25 °C, VCC = 5 V.
(2) 75 ns applies to the 6N137 only, a JEDEC registered specification
Fig. 1 - Single Channel Test Circuit for tPLH, tPHL, tr and tf
Fig. 2 - Dual Channel Test Circuit for tPLH, tPHL, tr and tf
SWITCHING CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Propagation delay time to high
output level
RL = 350 Ω, CL = 15 pF
tPLH
20
48
75 (2)
ns
tPLH
100
ns
Propagation delay time to low
output level
RL = 350 Ω, CL = 15 pF
tPHL
25
50
75 (2)
ns
tPHL
100
ns
Pulse width disortion
RL = 350 Ω, CL = 15 pF
|tPHL - tPLH|
2.9
35
ns
Propagation delay skew
RL = 350 Ω, CL = 15 pF
tPSK
840
ns
Output rise time (10 to 90 %)
RL = 350 Ω, CL = 15 pF
tr
23
ns
Output fall time (90 to 10 %)
RL = 350 Ω, CL = 15 pF
tf
7ns
Propagation delay time of
enable from VEH to VEL
RL = 350 Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tELH
12
ns
Propagation delay time of
enable from VEL to VEH
RL = 350 Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tEHL
11
ns
1
2
3
4
8
7
6
5
18964-2
The probe and Jig capacitances are included in C
Input IF
Output VO
IF
0 mA
VOL
1.5 V
t
PHL
t
PLH
VOH
C = 15 pF
GND
0.1 µF
bypass
VCC
VOUT
VCC
IF
R
R
L
InputIF
monitoring
node
Output VO
monitoring
node
L
Single channel
Pulse gen.
Z = 50
Ω
t= t = 5 ns
o
f
r
M
L
= 7.5 mA
IF = 3.75 mA
VE
1
2
3
4
8
7
6
5
GND
VCC
Pulse gen.
Z= 50
Ω
t= t =5ns
o
f
r
Input
monitoring
node
Dual channel
Output V
monitoring
node
O
IF
RM
RL
CL=15pF
0.1 µF
bypass
18963-5
VCC


Similar Part No. - VO2630-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630-X006 VISHAY-VO2630-X006 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
VO2630-X006 VISHAY-VO2630-X006 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
More results

Similar Description - VO2630-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com