Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG71050DDCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # REG71050DDCT
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG71050DDCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG71050DDCT Datasheet HTML 4Page - Texas Instruments REG71050DDCT Datasheet HTML 5Page - Texas Instruments REG71050DDCT Datasheet HTML 6Page - Texas Instruments REG71050DDCT Datasheet HTML 7Page - Texas Instruments REG71050DDCT Datasheet HTML 8Page - Texas Instruments REG71050DDCT Datasheet HTML 9Page - Texas Instruments REG71050DDCT Datasheet HTML 10Page - Texas Instruments REG71050DDCT Datasheet HTML 11Page - Texas Instruments REG71050DDCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
THEORY OF OPERATION
PEAK CURRENT REDUCTION
OFF
SWITCHED
Step-Down(Buck)Mode
OFF
ON
C
PUMP
Q
1
Q
3
Q
2
Q
4
C
IN
C
OUT
V
OUT
V
IN
Step-Up(Boost)Mode
(A)
(B)
OFF
ON
ON
OFF
C
PUMP
Q
2
Q
4
C
OUT
V
OUT
C
PUMP
Q
2
Q
4
C
OUT
V
OUT
OFF
ON
Q
1
Q
3
ON
OFF
Q
1
Q
3
C
IN
V
IN
C
IN
V
IN
REG710
SBAS221F – DECEMBER 2001 – REVISED MARCH 2008............................................................................................................................................... www.ti.com
During the second half cycle the FET switched are
The REG710 regulated charge pump provides a
configured as shown in Figure 19B, and the voltage
regulated output voltage for input voltages ranging
on CPUMP is added to VIN. The output voltage is
from less than the output to greater than the output.
regulated by skipping clock cycles as necessary.
This is accomplished by automatic mode switching
within the device. When the input voltage is greater
than the required output, the unit functions as a
variable
frequency
switch-mode
regulator.
This
In normal operation, the charging of the pump and
operation is shown in Figure 18. Transistors Q1 and
output capacitors usually leads to relatively high peak
Q3 are held off, Q4 is on, and Q2 is switched as
input currents which can be much higher than that of
needed to maintain a regulated output voltage.
the average load current. The regulator incorporates
circuitry to limit the input peak current, lowering the
When the input voltage is less than the required
total EMI production of the device and lowering
output voltage, the device switches to a step-up or
output voltage ripple and input current ripple. Input
boost mode of operation, as shown in Figure 19.
capacitor (CIN) supplies most of the charge required
A conversion clock of 50% duty cycle is generated.
by input current peaks.
During the first half cycle the FET switches are
configured as shown in Figure 19A, and CPUMP
charges to VIN.
Figure 18. Simplified Schematic of the REG710 Operating in the Step-Down Mode
Figure 19. Simplified Schematic of the REG710 Operating in the Step-Up or Boost Mode
8
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated
Product Folder Link(s): REG710


Similar Part No. - REG71050DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG71050DDCT TI-REG71050DDCT Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG71050DDCT BURR-BROWN-REG71050DDCT Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Texas Instruments
REG71050DDCT TI1-REG71050DDCT Datasheet
1,022Kb / 26P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71050DDCT TI1-REG71050DDCT Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Burr-Brown (TI)
REG71050DDCTG4 BURR-BROWN-REG71050DDCTG4 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
More results

Similar Description - REG71050DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG710-25 TI1-REG710-25 Datasheet
1,022Kb / 26P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710_08 Datasheet
781Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Maxim Integrated Produc...
MAX1759 MAXIM-MAX1759 Datasheet
191Kb / 12P
   Buck/Boost Regulating Charge Pump in uMAX
Rev 0; 1/00
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
   100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com