Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5103DAP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5103DAP
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5103DAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5103DAP Datasheet HTML 5Page - Texas Instruments TAS5103DAP Datasheet HTML 6Page - Texas Instruments TAS5103DAP Datasheet HTML 7Page - Texas Instruments TAS5103DAP Datasheet HTML 8Page - Texas Instruments TAS5103DAP Datasheet HTML 9Page - Texas Instruments TAS5103DAP Datasheet HTML 10Page - Texas Instruments TAS5103DAP Datasheet HTML 11Page - Texas Instruments TAS5103DAP Datasheet HTML 12Page - Texas Instruments TAS5103DAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DC Characteristics
TAS5102
TAS5103
www.ti.com .............................................................................................................................................................. SLLS801A – JUNE 2008 – REVISED JUNE 2008
RL= 8 Ω, FPWM = 384 kHz (unless otherwise noted). All performance is in accordance with recommended operating
conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal Voltage Regulator and Current Consumption
VSS
Digital Input Supply Voltage, VREG
3
3.3
3.6
V
Operating, 50% duty cycle
6.5
10
I(VREG)
Supply current, VREG
mA
Reset mode, no switching
6.5
10
50% duty cycle, without output filter or load
35
50
I(PVDD_X)
Total Half-bridge idle current
mA
Reset mode, no switching
5
6.3
Output Stage MOSFETs
Drain-to-source resistance, LS
TJ = 25°C, includes metallization resistance
180
m
RDS(on)
Drain-to-source resistance, HS
TJ = 25°C, includes metallization resistance
180
m
I/O Protection
Undervoltage protection limit, GVDD_X,
Vuvp,G
5.7
V
voltage rising
Undervoltage protection limit, GVDD_X,
Vuvp,G
5.5
V
voltage falling
OTW(1)
Overtemperature warning
125
°C
Temperature drop needed below OTW
OTWHYST
(1)
temperature for OTW to be inactive after
25
°C
the OTW event
OTE(1)
Overtemperature error
150
°C
OTE-OTW(1)
OTE-OTW differential
25
°C
A RESET must occur to exit shutdown
OTEHYST
(1)
and to release FAULT following an OTE
30
°C
event.
OCPC
Overcurrent protection counter
FPWM = 384 kHz
0.63
ms
Resistor—programmable, max. current,
IOC
Overcurrent limit protection
4.5
A
ROCP = 22 kΩ
IOCT
Overcurrent response time
150
ns
Resistor tolerance = 5% for typical value; the
24
k
ROCP
OC programming resistor range
20
22
minimum resistance should not be less than 20k
Ω.
Internal pulldown resistor at the output of Connected when RESET is active to provide
RPD
3
k
each half-bridge
bootstrap capacitor charge. Not used in SE mode
(1)
Specified by design
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5102 TAS5103


Similar Part No. - TAS5103DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5103DAP TI-TAS5103DAP Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5103DAPR TI-TAS5103DAPR Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5103DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com