Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5102DADR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5102DADR
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5102DADR Datasheet(HTML) 3 Page - Texas Instruments

  TAS5102DADR Datasheet HTML 1Page - Texas Instruments TAS5102DADR Datasheet HTML 2Page - Texas Instruments TAS5102DADR Datasheet HTML 3Page - Texas Instruments TAS5102DADR Datasheet HTML 4Page - Texas Instruments TAS5102DADR Datasheet HTML 5Page - Texas Instruments TAS5102DADR Datasheet HTML 6Page - Texas Instruments TAS5102DADR Datasheet HTML 7Page - Texas Instruments TAS5102DADR Datasheet HTML 8Page - Texas Instruments TAS5102DADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TAS5102
TAS5103
www.ti.com .............................................................................................................................................................. SLLS801A – JUNE 2008 – REVISED JUNE 2008
over operating free-air temperature range (unless otherwise noted)
UNIT
PVDD_X to GND_X DC
-0.3 to 23
V
PVDD_X to GND_X (2)
–0.3 to 32
V
OUT_X to GND_X (2)
–0.3 to 32
V
BST_X to GND_X (2)
–0.3 to 43.2
V
VREG to AGND
–0.3 to 4.2
V
GVDD to GND
-0.3 to 13.2
V
GND_X to GND
–0.3 to 0.3
V
GND_X to AGND
–0.3 to 0.3
V
GND to AGND
–0.3 to 0.3
V
PWM_X, OC_ADJ, M1, M2 to AGND
–0.3 to 4.2
V
RESET_X, FAULT, OTW to AGND
–0.3 V to 7
V
Maximum continuous sink current (FAULT, OTW)
9
mA
TJ
Maximum operating junction temperature range,
0 to 150
°C
TSTG
Storage temperature range
–65 to 150
°C
Minimum pulse duration, low
50
ns
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represent the dc voltage + peak ac waveform measured at the terminal of the device in all conditions.
ORDERING INFORMATION
TA
PACKAGE(1)
DESCRIPTION
TAS5102DAD
32-pin HTSSOP
0°C to 70°C
TAS5103DAP
32-pin HTSSOP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5102 TAS5103


Similar Part No. - TAS5102DADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5102DADR TI-TAS5102DADR Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5102DADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com