Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA116AIPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PGA116AIPWR
Description  Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA116AIPWR Datasheet(HTML) 3 Page - Texas Instruments

  PGA116AIPWR Datasheet HTML 1Page - Texas Instruments PGA116AIPWR Datasheet HTML 2Page - Texas Instruments PGA116AIPWR Datasheet HTML 3Page - Texas Instruments PGA116AIPWR Datasheet HTML 4Page - Texas Instruments PGA116AIPWR Datasheet HTML 5Page - Texas Instruments PGA116AIPWR Datasheet HTML 6Page - Texas Instruments PGA116AIPWR Datasheet HTML 7Page - Texas Instruments PGA116AIPWR Datasheet HTML 8Page - Texas Instruments PGA116AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
ELECTRICAL CHARACTERISTICS: VS = AVDD = DVDD = +5V
PGA112
,, PGA113
PGA116, PGA117
www.ti.com ............................................................................................................................................ SBOS424B – MARCH 2008 – REVISED SEPTEMBER 2008
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ//CL = 100pF connected to DVDD/2, and VREF = GND, unless otherwise noted.
PGA112, PGA113, PGA116, PGA117
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
AVDD = DVDD = +5V, VREF = VIN = AVDD/2, VCM = 2.5V
±25
±100
µV
AVDD = DVDD = +5V, VREF = VIN = AVDD/2, VCM = 4.5V
±75
±325
µV
vs Temperature, –40°C to +125°C
dVOS/dT
AVDD = DVDD = +5V, VCM = 2.5V
0.35
1.2
µV/°C
vs Temperature, –40°C to +85°C
AVDD = DVDD = +5V, VCM = 2.5V
0.15
0.9
µV/°C
vs Temperature, –40°C to +125°C
AVDD = DVDD = +5V, VCM = 4.5V
0.6
1.8
µV/°C
vs Temperature, –40°C to +85°C
AVDD = DVDD = +5V, VCM = 4.5V
0.3
1.3
µV/°C
AVDD = DVDD = +2.2V to +5.5V, VCM = 0.5V,
vs Power Supply
PSRR
5
20
µV/V
VREF = VIN = AVDD/2
AVDD = DVDD = +2.2V to +5.5V, VCM = 0.5V,
Over Temperature, –40°C to +125°C
5
40
µV/V
VREF = VIN = AVDD/2
INPUT ON-CHANNEL CURRENT
Input On-Channel Current (Ch0, Ch1)
IIN
VREF = VIN = AVDD/2
±1.5
±5
nA
Over Temperature, –40°C to +125°C
VREF = VIN = AVDD/2
See Typical Characteristics
nA
INPUT VOLTAGE RANGE
Input Voltage Range
(1)
IVR
GND – 0.1
AVDD + 0.1
V
Overvoltage Input Range
No Output Phase Reversal
(2)
GND – 0.3
AVDD + 0.3
V
INPUT IMPEDANCE (Channel On)
(3)
Channel Input Capacitance
CCH
2
pF
Channel Switch Resistance
RSW
150
Amplifier Input Capacitance
CAMP
3
pF
Amplifier Input Resistance
RAMP
Input Resistance to GND
10
G
VCAL/CH0
RIN
CAL1 or CAL2 Selected
100
k
GAIN SELECTIONS
Nominal Gains
Binary gains: 1, 2, 4, 8, 16, 32, 64, 128
1
128
Scope gains: 1, 2, 5, 10, 20, 50, 100, 200
1
200
DC Gain Error
G = 1
VOUT = GND + 85mV to DVDD – 85mV
0.006
0.1
%
1 < G
≤ 32
VOUT = GND + 85mV to DVDD – 85mV
0.1
%
G
≥ 50
VOUT = GND + 85mV to DVDD – 85mV
0.3
%
DC Gain Drift
G = 1
VOUT = GND + 85mV to DVDD – 85mV
0.5
ppm/°C
1 < G
≤ 32
VOUT = GND + 85mV to DVDD – 85mV
2
ppm/°C
G
≥ 50
VOUT = GND + 85mV to DVDD – 85mV
6
ppm/°C
Op Amp + Input = 0.9VCAL,
CAL2 DC Gain Error
(4)
0.02
%
VREF = VCAL = AVDD/2, G = 1
Op Amp + Input = 0.9VCAL,
CAL2 DC Gain Drift
(4)
2
ppm/°C
VREF = VCAL = AVDD/2, G = 1
Op Amp + Input = 0.1VCAL,
CAL3 DC Gain Error
(4)
0.02
%
VREF = VCAL = AVDD/2, G = 1
Op Amp + Input = 0.1VCAL,
CAL3 DC Gain Drift
(4)
2
ppm/°C
VREF = VCAL = AVDD/2, G = 1
INPUT IMPEDANCE (Channel Off)
(3)
Input Impedance
CCH
See Figure 1
2
pF
INPUT OFF-CHANNEL CURRENT
VREF = GND, VOFF-CHANNEL = AVDD/2,
Input Off-Channel Current (Ch0, Ch1)
(5)
ILKG
±0.05
±1
nA
VON-CHANNEL = AVDD/2 – 0.1V
VREF = GND, VOFF-CHANNEL = AVDD/2,
Over Temperature, –40°C to +125°C
See Typical Characteristics
VON-CHANNEL = AVDD/2 – 0.1V
Channel-to-Channel Crosstalk
130
dB
(1)
Gain error is a function of the input voltage. Gain error outside of the range (GND + 85mV
≤ VOUT ≤ DVDD – 85mV) increases to 0.5%
(typical).
(2)
Input voltages beyond this range must be current limited to < |10mA| through the input protection diodes on each channel to prevent
permanent destruction of the device.
(3)
See Figure 1.
(4)
Total VOUT error must be computed using input offset voltage error multiplied by gain. Includes op amp G = 1 error.
(5)
Maximum specification limitation limited by final test time and capability.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PGA112 PGA113 PGA116 PGA117


Similar Part No. - PGA116AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA116AIPWR TI-PGA116AIPWR Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA116AIPWR TI-PGA116AIPWR Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA116AIPWRG4 TI-PGA116AIPWRG4 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA116AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Analog Devices
ADA4255 AD-ADA4255 Datasheet
4Mb / 64P
   Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
logo
Texas Instruments
LMP8358 TI1-LMP8358 Datasheet
1Mb / 40P
[Old version datasheet]   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
National Semiconductor ...
LMP8358 NSC-LMP8358 Datasheet
1,015Kb / 32P
   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
Analog Devices
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com