Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5947DAP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5947DAP
Description  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5947DAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5947DAP Datasheet HTML 5Page - Texas Instruments TLC5947DAP Datasheet HTML 6Page - Texas Instruments TLC5947DAP Datasheet HTML 7Page - Texas Instruments TLC5947DAP Datasheet HTML 8Page - Texas Instruments TLC5947DAP Datasheet HTML 9Page - Texas Instruments TLC5947DAP Datasheet HTML 10Page - Texas Instruments TLC5947DAP Datasheet HTML 11Page - Texas Instruments TLC5947DAP Datasheet HTML 12Page - Texas Instruments TLC5947DAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TIMING DIAGRAMS
T
,T
,T
:
WH0
WH1
WL0
INPUT
(1)
CLOCK
INPUT
(1)
DATA/CONTROL
INPUT
(1)
T
,T
,T
,T ,T :
SU0
SU1
SU2
H0
H1
T
SU
T
H
V
CC
V
CC
GND
V
CC
GND
GND
50%
50%
50%
T
WH
T
WL
t ,t ,t ,t ,t ,t ,t ,t ,t :
R0
R1
F0
F1
D0
D1
D2
D3
D4
INPUT
(1)
50%
50%
90%
10%
OUTPUT
t
D
t ort
R
F
V
orV
OL
OUTn
V
orV
OH
OUTn
GND
V
CC
TLC5947
www.ti.com ................................................................................................................................................. SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 7. Input Timing
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 8. Output Timing
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC5947


Similar Part No. - TLC5947DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAP TI-TLC5947DAP Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5947DAP TI1-TLC5947DAP Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAP TI1-TLC5947DAP Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAP TI1-TLC5947DAP Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
More results

Similar Description - TLC5947DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPG4 TI1-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
HPA01054DAPR TI1-HPA01054DAPR Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com