Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51427 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS51427
Description  DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51427 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51427_1 Datasheet HTML 1Page - Texas Instruments TPS51427_1 Datasheet HTML 2Page - Texas Instruments TPS51427_1 Datasheet HTML 3Page - Texas Instruments TPS51427_1 Datasheet HTML 4Page - Texas Instruments TPS51427_1 Datasheet HTML 5Page - Texas Instruments TPS51427_1 Datasheet HTML 6Page - Texas Instruments TPS51427_1 Datasheet HTML 7Page - Texas Instruments TPS51427_1 Datasheet HTML 8Page - Texas Instruments TPS51427_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
(1)
TPS51427
SLUS819B – APRIL 2008 – REVISED SEPTEMBER 2008................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
ORDERABLE
TA
PACKAGE
PART NO.
TRANSPORT MEDIA
QUANTITY
ECO STATUS(2)
TPS51427RHBT
250
Green
Plastic Quad Flatpack
–40°C to +85°C
Tape and Reel
(RoHs and No
(32-pin QFN)
TPS51427RHBR
3000
Sb/Br)
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Eco-Status information: Additional details including specific material content can be accessed at www.ti.com/leadfree
GREEN: Ti defines Green to mean Lead (Pb)-Free and in addition, uses less package materials that do not contain halogens, including
bromine (Br), or antimony (Sb) above 0.1% of total product weight.
N/A: Not yet available Lead (Pb)-Free; for estimated conversion dates, go to www.ti.com/leadfree.
Pb-FREE: Ti defines Lead (Pb)-Free to mean RoHS compatible, including a lead concentration that does not exceed 0.1% of total
product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering processes.
Over operating free-air temperature range; all voltages are with respect to GND (unless otherwise noted).
PARAMETER
VALUE
UNIT
5V voltage range
V5DRV, V5FILT
–0.3 to 7
VIN, ENLDO
–0.3 to 30
VBST1, VBST2
–0.3 to 37
V
VBST1, VBST2 (w.r.t. LLx)
–0.3 to 7
Input voltage range(2)
EN1, EN2, VOUT1, VOUT2, VFB1, REFIN2, TRIP1, TRIP2, SKIPSEL,
–0.3 to 7
TONSEL, VSW, LDOREFIN
TRIP1, TRIP2
–0.3 to (V5FILT + 0.3)
DRVH1, DRVH2
–2 to 37
DRVH1, DRVH2 (w.r.t. LLx)
–0.3 to 7
Output voltage
LL1, LL2
–2 to 30
V
range(2)
DRVL1, DRVL2, VREF2, PGOOD1, PGOOD2, LDO, VREF3
–0.3 to 7
PGND
–0.3 to 0.3
Tstg Storage temperature range
–55 to +150
°C
TJ
Junction temperature range
+150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
TA < +25°C
DERATING FACTOR
TA = +85°C
PACKAGE
POWER RATING
ABOVE TA = +25°C
POWER RATING
32Ld 5 × 5 QFN
2.320 W
23.2 mW/°C
0.93 W
(1)
Dissipation ratings are calculated based on the usage of nine standard thermal vias and thermal pad soldered on the PCB. If thermal
pad is not soldered to the PCB, the junction-to-ambient thermal resistance is 88.6°C/W.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51427


Similar Part No. - TPS51427_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results

Similar Description - TPS51427_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com