Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51200DRCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51200DRCR
Description  SINK/SOURCE DDR TERMINATION REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51200DRCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51200DRCR Datasheet HTML 7Page - Texas Instruments TPS51200DRCR Datasheet HTML 8Page - Texas Instruments TPS51200DRCR Datasheet HTML 9Page - Texas Instruments TPS51200DRCR Datasheet HTML 10Page - Texas Instruments TPS51200DRCR Datasheet HTML 11Page - Texas Instruments TPS51200DRCR Datasheet HTML 12Page - Texas Instruments TPS51200DRCR Datasheet HTML 13Page - Texas Instruments TPS51200DRCR Datasheet HTML 14Page - Texas Instruments TPS51200DRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
Output Tolerance Consideration for VTT DIMM Applications
DDR3 240 Pin Socket
TPS51200
10 mF
10 mF
10 mF
VO
UDG-08022
R
S
20 W
V
OUT
V
IN
25 W
V
TT
V
DDQ
Ouput
Buffer
(Driver)
Receiver
V
SS
UDG-08023
Q1
Q2
TPS51200
SLUS812 – FEBRUARY 2008
The TPS51200 is specifically designed to power up the memory termination rail (as shown in Figure 3). The DDR
memory termination structure determines the main characteristics of the VTT rail, which is to be able to sink and
source current while maintaining acceptable VTT tolerance. See Figure 4 for typical characteristics for a single
memory cell.
Figure 3. Typical Application Diagram for DDR3 VTT DIMM using TPS51200
Figure 4. DDR Physical Signal System Bi-Directional SSTL Signaling
In Figure 4, when Q1 is on and Q2 is off:
• Current flows from VDDQ via the termination resistor to VTT
• VTT sinks current
In Figure 4, when Q2 is on and Q1 is off:
• Current flows from VTT via the termination resistor to GND
• VTT sources current
Copyright © 2008, Texas Instruments Incorporated
11
Product Folder Link(s): TPS51200


Similar Part No. - TPS51200DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51200 TI1-TPS51200 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
More results

Similar Description - TPS51200DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com