Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65058 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65058
Description  2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65058 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65058 Datasheet HTML 1Page - Texas Instruments TPS65058 Datasheet HTML 2Page - Texas Instruments TPS65058 Datasheet HTML 3Page - Texas Instruments TPS65058 Datasheet HTML 4Page - Texas Instruments TPS65058 Datasheet HTML 5Page - Texas Instruments TPS65058 Datasheet HTML 6Page - Texas Instruments TPS65058 Datasheet HTML 7Page - Texas Instruments TPS65058 Datasheet HTML 8Page - Texas Instruments TPS65058 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ELECTRICAL CHARACTERISTICS
TPS65058
SLVS851A – MAY 2008 – REVISED SEPTEMBER 2008................................................................................................................................................... www.ti.com
Vcc = VINDCDC1/2 = 3.6V, EN = Vcc, MODE = GND, L = 2.2µH, COUT = 22µF, TA = –40°C to 85°C typical values
are at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Vcc
Input voltage range
2.5
6.
V
One converter, IOUT = 0 mA.PFM mode enabled (Mode = GND)
device not switching,
20
30
µA
EN_DCDC1 = Vin OR EN_DCDC2 = Vin;
EN_LDO1= EN_LDO2 = EN_LDO3 = GND
Two converters, IOUT = 0 mA, PFM mode enabled (Mode = 0)
Operating quiescent current
device not switching,
IQ
Total current into VCC, VINDCDC1/2,
32
40
µA
EN_DCDC1 = Vin AND EN_DCDC2 = Vin;
VINLDO1, VINLDO2/3
EN_LDO1 = EN_LDO2 = EN_LDO3 = GND
One converter, IOUT = 0 mA, PFM mode enabled (Mode = GND)
device not switching,
145
210
µA
EN_DCDC1 = Vin OR EN_DCDC2 = Vin;
EN_LDO1 = EN_LDO2 = EN_LDO3 = Vin
One converter, IOUT = 0 mA,
Switching with no load (Mode = Vin),
0.85
mA
PWM operation EN_DCDC1 = Vin OR EN_DCDC2 = Vin;
EN_LDO1 = EN_LDO2 = EN_LDO3 = GND
IQ
Operating quiescent current into VCC
Two converters, IOUT = 0 mA,
Switching with no load (Mode = Vin),
1.25
mA
PWM operation EN_DCDC1 = Vin AND EN_DCDC2 = Vin;
EN_LDO1 = EN_LDO2 = EN_LDO3 = GND
EN_DCDC1 = EN_DCDC2 = GND
I(SD)
Shutdown current
9
12
µA
EN_LDO1 = EN_LDO2 = EN_LDO3 = GND
Undervoltage lockout threshold for
V(UVLO)
Voltage at VCC
1.8
2
V
DCDC converters and LDOs
EN_DCDC1, EN_DCDC2, EN_LDO1, EN_LDO2, EN_LDO3, MODE
High-level input voltage
MODE, EN_DCDC1, EN_DCDC2,
VIH
1.2
VCC
V
EN_LDO1, EN_LDO2, EN_LDO3,
DEF,DEF_LDO,DEF_DCDC2
Low-level input voltage
MODE, EN_DCDC1, EN_DCDC2,
VIL
0
0.4
V
EN_LDO1, EN_LDO2, EN_LDO3,
DEF_LDO, DEF_DCDC2
Input bias current
MODE, EN_DCDC1, EN_DCDC2,
IIN
MODE = GND or VIN
0.01
1
µA
EN_LDO1, EN_LDO2, EN_LDO3,
DEF_LDO, DEF_DCDC2
POWER SWITCH
VINDCDC1/2 = 3.6V
250
350
P-channel MOSFET on
DCDC1,
rDS(on)
m
resistance
DCDC2
VINDCDC1/2 = 2.5V
380
500
ILD_PMOS
P-channel leakage current
V(DS) = 6V
1
µA
VINDCDC1/2 = 3.6V
180
250
N-channel MOSFET on
DCDC1,
rDS(on)
m
resistance
DCDC2
VINDCDC1/2 = 2.5V
250
ILK_NMOS
N-channel leakage current
V(DS) = 6V
7
10
µA
Forward Current Limit
DCDC1
1.19
1.4
1.65
I(LIMF)
PMOS (High-Side) and
2.5V
≤ VIN ≤ 6V
A
DCDC2
0.85
1.0
1.15
NMOS (Low side)
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
OSCILLATOR
fSW
Oscillator frequency
2.025
2.25
2.475
MHz
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TPS65058


Similar Part No. - TPS65058

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65058RGER TI-TPS65058RGER Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65058RGET TI-TPS65058RGET Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65058

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com