Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65058RGERG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65058RGERG4
Description  2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65058RGERG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65058RGERG4 Datasheet HTML 7Page - Texas Instruments TPS65058RGERG4 Datasheet HTML 8Page - Texas Instruments TPS65058RGERG4 Datasheet HTML 9Page - Texas Instruments TPS65058RGERG4 Datasheet HTML 10Page - Texas Instruments TPS65058RGERG4 Datasheet HTML 11Page - Texas Instruments TPS65058RGERG4 Datasheet HTML 12Page - Texas Instruments TPS65058RGERG4 Datasheet HTML 13Page - Texas Instruments TPS65058RGERG4 Datasheet HTML 14Page - Texas Instruments TPS65058RGERG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
t − Time=100 s/div
m
Mode=High
V =3.6Vto4.5Vto3.6V,
CDC1I
=600mA,
=25 C
I
O
TA
o
CH2(VO)
CH1(V )
I
t − Time=100 s/div
m
Mode=High
V =3.6Vto4.5Vto3.6V,
CDC1I
=600mA,
=25 C
I
O
TA
o
CH2(V
DCDC1
O
)
CH1(V DCDC1)
I
t − Time=100 s/div
m
V =3.6V
V
LDO3=3.3V,
LDO1I
=40mA to360mA,
=25 C
I
O
O
TA
o
CH2(I
LDO1
O
)
CH1(V
LDO1)
O
t − Time=100 s/div
m
V =3.6V
V
LDO3=1.83V,
LDO3I
=20mA to180mA,
=25 C
I
O
O
TA
o
CH2(I
DCDC2
O
)
CH1(V
DCDC2)
O
TPS65058
www.ti.com................................................................................................................................................... SLVS851A – MAY 2008 – REVISED SEPTEMBER 2008
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
CONVERTER 1
CONVERTER 2
Figure 11.
Figure 12.
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
LDO1
LDO2 AND LDO3
Figure 13.
Figure 14.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS65058


Similar Part No. - TPS65058RGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65058RGER TI-TPS65058RGER Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65058RGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com