Electronic Components Datasheet Search |
|
TPS65058RGET Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS65058RGET Datasheet(HTML) 1 Page - Texas Instruments |
1 / 26 page 1 FEATURES APPLICATIONS L2 ENABLE VCC FB_DCDC2 PGND2 AGND ENABLE ENABLE VLDO2 200 mA LDO VLDO2 VLDO3 DCDC1(I/O) VINDCDC1/2 L1 PGND1 DCDC2(core) VLDO1 400 mA LDO VLDO3 200 mA LDO VIN ENABLE VIN 10uF 10 W TPS 65058 ENABLE MODE RESET RESET R19 I/OVoltage VLDO1 VIN VIN 3.3 V PGOOD1 PGOOD2 Voltage Switching(1/0) 2.2 F m Voltage Switching(1/0) 2.2 F m 1 F m EN_DCDC1 EN_DCDC2 DEF_DCDC2 VIN_LDO1 EN_LDO1 DEF_LDO VIN_LDO2/ EN_LDO2 EN_LDO3 STEP-DOWN CONVERTER STEP-DOWN CONVERTER 22 F m 2.2 H m FB_DCDC 2.2 H m 1.8V/1.2V 10 F m 3.3V/3.3V 4.7 F m 1.8V/1.2V 1.8V/1.3V 2.2 F m 2.2 F m DESCRIPTION TPS65058 www.ti.com................................................................................................................................................... SLVS851A – MAY 2008 – REVISED SEPTEMBER 2008 2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs • Satellite Radio Modules 2 • Up To 95% Efficiency • Output Current for DC/DC Converters: – DCDC1 = 0.6A; DCDC2 = 1A • V IN Range for DC/DC Converters From 2.5V to 6V • Dynamic Voltage Switching for Processor Core Supply Supported • 2.25MHz Fixed Frequency Operation • Power Save Mode at Light Load Current • 180° Out-of-Phase Operation • Output Voltage Accuracy in PWM mode ±1% • Total Typical 32µA Quiescent Current for Both DC/DC Converters • 100% Duty Cycle for Lowest Dropout • One General-Purpose 400mA LDO • Two General-Purpose 200mA LDOs • V IN Range for LDOs from 1.5V to 6.5V • Reset Generator and Power Monitor • Available in a 4 mm x 4 mm 24-Pin QFN Package NOTE: Other voltage options available upon request. Contact your Texas Instruments representative. The TPS65058 is an integrated Power Management IC for applications powered by one Li-Ion or Li-Polymer cell, which require multiple power rails. The TPS65058 provides two highly efficient, 2.25MHz step down converters targeted at providing the core voltage and I/O voltage in a processor based system. Both step-down converters enter a low power mode at light load for maximum efficiency across the widest possible range of load currents. For low noise applications, the devices can be forced into fixed frequency PWM mode by pulling the MODE pin high. Both converters allow the use of small inductors and capacitors to achieve a small solution size. TPS65058 provides an output current of up to 0.6A on the DCDC1 converter, and up to 1A on the DCDC2 converter. The TPS65058 also integrates one 400mA LDO and two 200mA LDO voltage regulators, which can be turned on/off using separate enable pins on each LDO. Each LDO operates with an input voltage range between 1.5V and 6.5V allowing them to be supplied from one of the step down converters or directly from the main battery. The TPS65058 comes in a small 24-pin leadless package (4mm × 4mm QFN) with a 0,5mm pitch. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 PowerPAD is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - TPS65058RGET |
|
Similar Description - TPS65058RGET |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |