Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5910 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5910
Description  1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5910 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5910 Datasheet HTML 4Page - Anpec Electronics Coropration APL5910 Datasheet HTML 5Page - Anpec Electronics Coropration APL5910 Datasheet HTML 6Page - Anpec Electronics Coropration APL5910 Datasheet HTML 7Page - Anpec Electronics Coropration APL5910 Datasheet HTML 8Page - Anpec Electronics Coropration APL5910 Datasheet HTML 9Page - Anpec Electronics Coropration APL5910 Datasheet HTML 10Page - Anpec Electronics Coropration APL5910 Datasheet HTML 11Page - Anpec Electronics Coropration APL5910 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2008
APL5910
www.anpec.com.tw
8
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=1.5V, VCNTL=5V, VOUT=1.2V, TA= 25
oC unless otherwise specified.
Power On
V
CNTL
1
4
2
3
V
IN
V
OUT
V
POK
CH1: V
CNTL, 5V/Div, DC
CH2: V
IN, 1V/Div, DC
TIME: 5ms/Div
C
OUT=10µF, CIN=10µF, RL=1.2Ω
CH3: V
OUT, 1V/Div, DC
CH4: V
POK, 5V/Div, DC
Power Off
1
4
2
3
V
CNTL
V
IN
V
OUT
V
POK
CH1: V
CNTL, 5V/Div, DC
CH2: V
IN, 1V/Div, DC
TIME: 10ms/Div
C
OUT=10µF, CIN=10µF, RL=1.2Ω
CH3: V
OUT, 1V/Div, DC
CH4: V
POK, 5V/Div, DC
CH1: V
OUT, 20mV/Div, AC
CH4: I
OUT, 0.5A/Div, DC
TIME: 20
µs/Div
C
OUT=10µF, CIN=10µF
Load Transient Response
I
OUT
V
OUT
1
4
IOUT=10mA to 1A to 10mA (rise / fall time = 1µs)
Over Current Protection
I
OUT
V
OUT
1
4
CH4: I
OUT, 1A/Div, DC
TIME: 50
µs/Div
CH1: V
OUT, 1V/Div, DC
C
OUT=10µF, CIN=10µF, IOUT=1A to 2.3A


Similar Part No. - APL5910

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910_09 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results

Similar Description - APL5910

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910_09 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com