Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5910 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5910
Description  1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5910 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5910 Datasheet HTML 1Page - Anpec Electronics Coropration APL5910 Datasheet HTML 2Page - Anpec Electronics Coropration APL5910 Datasheet HTML 3Page - Anpec Electronics Coropration APL5910 Datasheet HTML 4Page - Anpec Electronics Coropration APL5910 Datasheet HTML 5Page - Anpec Electronics Coropration APL5910 Datasheet HTML 6Page - Anpec Electronics Coropration APL5910 Datasheet HTML 7Page - Anpec Electronics Coropration APL5910 Datasheet HTML 8Page - Anpec Electronics Coropration APL5910 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2008
APL5910
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Pin Description
PIN
NO.
NAME
FUNCTION
1
POK
Power-OK signal output pin. This pin is an open-drain output used to indicate the status of output
voltage by sensing FB voltage. This pin is pulled low when output voltage is not within the
Power-OK voltage window.
2
EN
Active-high enable control pin. Applying and holding the voltage on this pin below the enable
voltage threshold shuts down the output. When re-enabled, the IC undergoes a new soft-start
process. When left this pin open, an internal pull-up current (5
µA typical) pulls the EN voltage and
enables the regulator.
3
VIN
Main supply input pin for voltage conversions. A decoupling capacitor (
≥10µF recommended) is
usually connected near this pin to filter the voltage noise and improve transient response. The
voltage on this pin is monitored for Power-On-Reset purpose
4
VCNTL
Bias voltage input pin for internal control circuitry. Connect this pin to a voltage source (+5V
recommended). A decoupling capacitor (1
µF typical) is usually connected near this pin to filter
the voltage noise. The voltage at this pin is monitored for Power-On-Reset purpose.
5
NC
No Connection.
6
VOUT
Output pin of the regulator. Connecting this pin to load and output capacitors (10
µF at least) is
required for stability and improving transient response. The output voltage is programmed by the
resistor-divider connected to FB pin. The VOUT can provide 1A (max.) load current to loads.
During shutdown, the output voltage is quickly discharged by an internal pull-low MOSFET.
7
FB
Voltage Feedback Pin. Connecting this pin to an external resistor divider receives the feedback
voltage of the regulator.
Refer to the typical application circuits. These specifications apply over V
CNTL=5V, VIN=1.5V, VOUT=1.2V, and TA= -40 ~ 85
oC, unless
otherwise specified. Typical values are at T
J=25
oC.
APL5910
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PROTECTIONS
TJ=25
οC
1.7
2.1
2.5
ILIM
Current-Limit Level
TJ= -40 ~ 125
οC
1.4
-
-
ISHORT
Short Current-Limit Level
VFB<0.2V
-
0.4
-
A
Short Current-Limit Blanking
Time
From beginning of soft-start
0.6
1.6
-
ms
TSD
Thermal Shutdown Temperature TJ rising
-
170
-
oC
Thermal Shutdown Hysteresis
-
50
-
oC
ENABLE AND SOFT-START
EN Logic High Threshold Voltage VEN rising
0.5
0.8
1.1
V
EN Hysteresis
-
80
-
mV
EN Pull-High Current
EN=GND
-
5
-
µA
TSS
Soft-Start Interval
0.3
0.6
1
ms
POWER-OK AND DELAY
VTHPOK
Rising POK Threshold Voltage
VFB rising
90
92
94
%
POK Threshold Hysteresis
-
8
-
%
POK Pull-Low Voltage
POK sinks 5mA
-
0.25
0.4
V
POK Debounce Interval
VFB<falling POK voltage threshold
-
10
-
µs
POK Delay Time
From VFB =VTHPOK to rising edge of the
VPOK
1
2
4
ms


Similar Part No. - APL5910

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910_09 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results

Similar Description - APL5910

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910_09 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com