Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62290DRVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVT
Description  1-A Step Down Converter in 2 x 2 SON Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62290DRVT Datasheet HTML 2Page - Texas Instruments TPS62290DRVT Datasheet HTML 3Page - Texas Instruments TPS62290DRVT Datasheet HTML 4Page - Texas Instruments TPS62290DRVT Datasheet HTML 5Page - Texas Instruments TPS62290DRVT Datasheet HTML 6Page - Texas Instruments TPS62290DRVT Datasheet HTML 7Page - Texas Instruments TPS62290DRVT Datasheet HTML 8Page - Texas Instruments TPS62290DRVT Datasheet HTML 9Page - Texas Instruments TPS62290DRVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=2.7V
IN
V
=3.3V
IN
V
=3.6V
IN
V
=4.5V
IN
V
=5V
IN
V
=1.8V,
MODE=GND,
L =2.2 H
OUT
m
30
40
50
60
70
80
90
100
1
10
100
1000
I
-OutputCurrent-mA
O
20
V
=2.7V
IN
V
=3.3V
IN
V
=3.6V
IN
V
=4.5V
IN
V
=5V
IN
V
=1.8V,
MODE=V ,
L =2.2 H
OUT
IN
m
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=3.8V
IN
V
=4.5V
IN
V
=4.2V
IN
V
=5V
IN
V
=3.3V,
MODE=GND,
L =2.2 H
OUT
m
0
40
50
60
70
80
90
100
1
10
100
1000
I
-OutputCurrent-mA
O
30
20
10
V
=3.8V
IN
V
=4.2V
IN
V
=4.5V
IN
V
=5V
IN
V
=3.3V,
MODE=V ,
L =2.2 H
OUT
IN
m
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
EFFICIENCY (Power Save Mode)
EFFICIENCY (Forced PWM Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
EFFICIENCY (Power Save Mode)
EFFICIENCY (Forced PWM Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62290 TPS62291 TPS62293


Similar Part No. - TPS62290DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290DRVT TI-TPS62290DRVT Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290DRVT TI-TPS62290DRVT Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290DRVT TI1-TPS62290DRVT Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290DRVT TI1-TPS62290DRVT Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290DRVTG4 TI-TPS62290DRVTG4 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
More results

Similar Description - TPS62290DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com