Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7137 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7137
Description  1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7137 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7137 Datasheet HTML 7Page - Anpec Electronics Coropration APW7137 Datasheet HTML 8Page - Anpec Electronics Coropration APW7137 Datasheet HTML 9Page - Anpec Electronics Coropration APW7137 Datasheet HTML 10Page - Anpec Electronics Coropration APW7137 Datasheet HTML 11Page - Anpec Electronics Coropration APW7137 Datasheet HTML 12Page - Anpec Electronics Coropration APW7137 Datasheet HTML 13Page - Anpec Electronics Coropration APW7137 Datasheet HTML 14Page - Anpec Electronics Coropration APW7137 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2008
APW7137
www.anpec.com.tw
11
Typical Application Circuits
GND
VIN
V
OUT
12V
EN
LX
FB
4
5
3
2
1
L1
10
µH
C2
4.7
µF
C1
4.7
µF
R2
137k
V
IN
5V
OFF
R1
1.2M
ON
GND
VIN
V
OUT
5V
EN
LX
FB
4
5
3
2
1
L1
4.7µH
C2
10
µF
C1
4.7
µF
R2
140k
V
IN
OFF
R1
430k
ON
Fig 1. Typical 5V to 12V Supply
GND
VIN
V
OUT
5V
EN
LX
FB
4
5
3
2
1
L1
4.7
µH
C2
10
µF
C1
4.7
µF
R2
140k
V
IN
3.3V
OFF
R1
430k
ON
Fig 2. Standard 3.3V to 5V Supply
APW7137
APW7137
APW7137
+9V
+13V
-8V
-4V
Fig 4. Multiple Output for TFT-LCD Power Supply
C3
0.1
µF
C4
0.47
µF
C6
0.47
µF
C5
0.1
µF
C8
0.47
µF
C7
0.1
µF
C10
0.47
µF
C9
0.1
µF
GND
VIN
V
OUT
EN
LX
FB
4
5
3
2
1
L1
22
µH
C2
1
µF
C1
4.7
µF
R1
62
V
IN
Up to 8
WLEDs
Fig 3. Brightness control using a PWM signal apply to EN
100Hz~300Hz
Duty=100%, I
LED=20mA
Duty=0%, LED off
APW7137


Similar Part No. - APW7137

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137 Datasheet
474Kb / 22P
   1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
APW7137BI-TRG ANPEC-APW7137BI-TRG Datasheet
474Kb / 22P
   1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
APW7137BTI-TRG ANPEC-APW7137BTI-TRG Datasheet
474Kb / 22P
   1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
   1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
More results

Similar Description - APW7137

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
   1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
APW7237 ANPEC-APW7237 Datasheet
584Kb / 20P
   1.5MHz, High Efficiency, Step-Up Converter with Internal FET Switch
APW7212 ANPEC-APW7212 Datasheet
353Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
E-CMOS Corporation
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
   High Efficiency 1MHz, Step up Regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA1092 ETA-ETA1092 Datasheet
176Kb / 1P
   1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1090 ETA-ETA1090 Datasheet
188Kb / 1P
   1MHz High Output current High Efficiency Synchronous Step-Up Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
   High Efficiency 1MHz, 2A Step Up Regulator
logo
ACE Technology Co., LTD...
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
   High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
logo
First Silicon Co., Ltd
FTD8228 FS-FTD8228 Datasheet
1Mb / 12P
   High Efficiency 1MHz, 2A Step Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com