Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL158125UC-TRL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL158125UC-TRL
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL158125UC-TRL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL158125UC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DUAL INPUT LOW DROPOUT REGULATOR
Copyright
© ANPEC Electronics Corp.
Rev. B.5 - Mar., 2008
APL1581
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
General Description
The APL1581 series of high performance positive volt-
age regulators are designed for use in applications re-
quiring very low dropout voltage at 5Amp.
The APL1581 can provide a output voltage at the range of
1.25V to 2.55V where both 5V and 3.3V voltage supplies
are available.
The superior dropout characteristics result in reducing
heat dissipation compared to regular LDOs. The APL1581
also provides excellent regulation over line, load, and tem-
perature variations.
Current limit is trimmed to ensure specified output cur-
rent and controlled short-circuit current. On-chip thermal
limiting provides protection against any combina-
tion of overload that would create excessive junction
temperature.
The APL1581 is available in both the through-hole and
surface mount versions of the industry standard 5-Pin
TO-220 and TO-263, TO-252, SOP-8P power packages.
Applications
Ordering and Marking Information
Adjustable or Fixed Output
520mV typ. Dropout at 5A in Dual Power
Voltage Mode
Remote Sense Pin Available
2% Accuracy Over Temperature Range
Build-in Over Temperature Protection
Build-in Current Limit
5 Pin TO-220 and TO-263, TO-252, SOP-8-P
Packages
Lead Free and Green Devices Available
(RoHS Compliant)
Microprocessor Supplies
Chip Set Supplies
VGA Card Power
LCD Monitor Power
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Package Code
F : TO-220-5
G : TO-263-5
U :TO-252-5
KA : SOP-8P
Temperature Range
C : 0 to 70 C
Handling Code
TR : Tape & Reel
Voltage Code :
15 : 1.5V
18 : 1.8V
25 : 2.5V
Blank : Adjustable Version
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
APL1581
Handling Code
Temperature Range
Package Code
Voltage Code
APL1581-15 F/G/U :
APL1581
XXXXX
XXXXX - Date Code
APL1581 KA :
APL1581
XXXXX
XXXXX - Date Code
15
Assembly Material
°


Similar Part No. - APL158125UC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL158125U4C-TRG ANPEC-APL158125U4C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158125U5C-TRG ANPEC-APL158125U5C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
More results

Similar Description - APL158125UC-TRL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com