Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMCC049 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMCC049
Description  GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCC049 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMCC049 Datasheet HTML 1Page - Hittite Microwave Corporation HMCC049 Datasheet HTML 2Page - Hittite Microwave Corporation HMCC049 Datasheet HTML 3Page - Hittite Microwave Corporation HMCC049 Datasheet HTML 4Page - Hittite Microwave Corporation HMCC049 Datasheet HTML 5Page - Hittite Microwave Corporation HMCC049 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5 - 67
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
MxN Spurious Outputs
nLO
mRF
0
1234
0xx
11
36
24
39
123037
37
60
2
88
866180
89
397
92
93
71
91
4
>120
>120
>120
>120
111
RF = 10.1 GHz @ -10 dBm
LO = 10 GHz @ +13 dBm
All values in dBc below the IF output power level.
Absolute Maximum Ratings
RF / IF Input
+25 dBm
LO Drive
+25 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 2.75 mW/°C above 85 °C)
178 mW
Thermal Resistance
(channel to ground paddle)
364 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC-C049
v00.0808
GaAs MMIC FUNDAMENTAL
MIXER, 7 - 14 GHz
nLO
LO Freq. (MHz)
1234
5.9
47
40
56
85
6.9
95
45
60
99
7.9
44
37
64
71
8.9
44
41
68
75
9.9
44
46
72
75
10.9
47
51
62
76
11.9
48
52
58
74
12.9
47
54
59
xx
13.9
42
57
60
xx
14.9
39
59
61
xx


Similar Part No. - HMCC049

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
   Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Stackpole Electronics, ...
HMC SEI-HMC Datasheet
274Kb / 5P
   High Value Thick Film Chip Resistor
1/11/2022
logo
Analog Devices
HMC-459 AD-HMC-459 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Visual Communications C...
HMC-461 VCC-HMC-461 Datasheet
93Kb / 1P
   10MM ROUND STANDARD FRESNEL LENS
logo
Analog Devices
HMC-464 AD-HMC-464 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMCC049

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC553LC3B HITTITE-HMC553LC3B Datasheet
262Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553 HITTITE-HMC553_09 Datasheet
218Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B_09 Datasheet
188Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553 HITTITE-HMC553 Datasheet
270Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC260LC3B HITTITE-HMC260LC3B Datasheet
272Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260 HITTITE-HMC260_09 Datasheet
226Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC774LC3B HITTITE-HMC774LC3B_09 Datasheet
222Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 34 GHz
HMC774 HITTITE-HMC774_09 Datasheet
250Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 43 GHz
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com