Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1581KAC-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL1581KAC-TRG
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1581KAC-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL1581KAC-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL1581KAC-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL1581KAC-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL1581KAC-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL1581KAC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL1581KAC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL1581KAC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL1581KAC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL1581KAC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.5 - Mar., 2008
APL1581
www.anpec.com.tw
3
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 2: The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD
(max) = (T
J – TA) / θJA; TJ = 125°C. Exceeding the maximum allowable power dissipation will result in
excessive die temperature.
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
7
V
VCNTL
Control Voltage
7
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1, 2)
Current
Limit
Voltage
Regulation
Thermal
Protection
VIN
VCNTL
VOUT
ADJ/GND
VSENSE
Block Diagram
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θJA
Junction-to-Ambient Resistance in free air
(Note 3)
TO-263-5 (Toplayer plane size : 15mm x 15 mm)
TO-252-5 (Toplayer plane size : 10mm x 10 mm)
SOP-8-P (Toplayer plane size : 10mm x 10 mm)
28
42
68
oC/W
θJC
Junction-to-Case Resistance
(Note 4)
TO-220-5
TO-263-5
TO-252-5
3
4
5
oC/W
Note 3:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The sizes of the
rectangular plane, where the devices are mounted, are shown in the table.
Note 4: The case temperature is measured on the TAB of the device mounted on the test board described in Note 3 except the
package TO-220-5. The case temperature of the TO-220-5 is measured on the bottom of the case directly below the die.


Similar Part No. - APL1581KAC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115G5C-TRG ANPEC-APL158115G5C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115KAC-TRG ANPEC-APL158115KAC-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115U4C-TRG ANPEC-APL158115U4C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115U5C-TRG ANPEC-APL158115U5C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
More results

Similar Description - APL1581KAC-TRG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com