Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT16652ETPACT Datasheet(PDF) 3 Page - Texas Instruments

Part # CY74FCT16652ETPACT
Description  16-Bit Registered Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16652ETPACT Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT16652ETPACT Datasheet HTML 1Page - Texas Instruments CY74FCT16652ETPACT Datasheet HTML 2Page - Texas Instruments CY74FCT16652ETPACT Datasheet HTML 3Page - Texas Instruments CY74FCT16652ETPACT Datasheet HTML 4Page - Texas Instruments CY74FCT16652ETPACT Datasheet HTML 5Page - Texas Instruments CY74FCT16652ETPACT Datasheet HTML 6Page - Texas Instruments CY74FCT16652ETPACT Datasheet HTML 7Page - Texas Instruments CY74FCT16652ETPACT Datasheet HTML 8Page - Texas Instruments CY74FCT16652ETPACT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY74FCT16652T
CY74FCT162652T
3
Function Table[1]
Inputs
Data I/O[2]
Operation or Function
OEAB
OEBA
CLKAB
CLKBA
SAB
SBA
A
B
L
L
H
H
H or L
H or L
X
X
X
X
Input
Input
Isolation
Store A and B Data
X
H
H
H
H or L
X
X[3]
X
X
Input
Input
Unspecified[2]
Output
Store A, Hold B
Store A in Both Registers
L
L
X
L
H or L
X
X
X
X[3]
Unspecified[2]
Input
Input
Hold A, Store B
Store B in both Registers
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Input
Real Time B Data to A Bus
Stored B Data to A Bus
H
H
H
H
X
H or L
X
X
L
H
X
X
Input
Output
Real Time A Data to B Bus
Stored A Data to B Bus
H
L
H or L
H or L
H
H
Output
Output
Stored A Data to B Bus and
Stored B Data to A Bus
Notes:
1.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
=LOW-to-HIGH Transition
2.
The data output functions may be enabled or disabled by various signals at the OEAB or OEBA inputs. Data input functions are always enabled, i.e., data at
the bus pins will be stored on every LOW-to-HIGH transition on the clock inputs.
3.
Select control=L; clocks can occur simultaneously.
Select control=H; clocks must be staggered to load both registers.


Similar Part No. - CY74FCT16652ETPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16652ATPVCT TI-CY74FCT16652ATPVCT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16652CTPVCT TI-CY74FCT16652CTPVCT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - CY74FCT16652ETPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com