Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG3539 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG3539
Description  4-Ω, 360-MHz, Dual SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3539 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG3539 Datasheet HTML 2Page - Vishay Siliconix DG3539 Datasheet HTML 3Page - Vishay Siliconix DG3539 Datasheet HTML 4Page - Vishay Siliconix DG3539 Datasheet HTML 5Page - Vishay Siliconix DG3539 Datasheet HTML 6Page - Vishay Siliconix DG3539 Datasheet HTML 7Page - Vishay Siliconix DG3539 Datasheet HTML 8Page - Vishay Siliconix DG3539 Datasheet HTML 9Page - Vishay Siliconix DG3539 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 73320
S-70853-Rev. C, 30-Apr-07
Vishay Siliconix
DG3537/3538/3539/3540
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
rON vs. VCOM and Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
123
456
VCOM - Analog Voltage (V)
T = 25 °C
IS = 10 mA
V+ = 1.8 V
V+ = 2.7 V
V+ = 3.0 V
V+ = 3.6 V
V+ = 4.2 V
V+ = 5.0 V
V+ = 5.5 V
V+ = 2.0 V
rON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM - Analog Voltage (V)
V+ = 2.7 V
IS = 10 mA
85 °C
25 °C
40 °C
-
- 60
- 40
- 20
0
20
40
60
80
100
10
10000
100000
100
1000
Temperature (°C)
V+ = 3.0 V
VIN = 0 V
rON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1234
5
VCOM - Analog Voltage (V)
V+ = 4.2 V
IS = 10 mA
85 °C
25 °C
- 40 °C
10
10 K
100 K
10 M
100
1 K
1 M
10 mA
1 mA
100 µA
10 µA
1 µA
10 nA
100 pA
1 nA
100 nA
Input Switching Frequency (Hz)
V+ = 3 V


Similar Part No. - DG3539

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3539 VISHAY-DG3539 Datasheet
113Kb / 10P
   4ohm, 360 MHz, Dual SPST Analog Switches
Rev. D, 28-Feb-11
DG3539DB VISHAY-DG3539DB Datasheet
30Kb / 1P
   MICRO FOOT 3x3 0.5-mm PITCH, 0.238-mm BUMP HEIGHT
07-Mar-05
DG3539DB-T5 VISHAY-DG3539DB-T5 Datasheet
30Kb / 1P
   MICRO FOOT 3x3 0.5-mm PITCH, 0.238-mm BUMP HEIGHT
07-Mar-05
DG3539DB-T5-E1 VISHAY-DG3539DB-T5-E1 Datasheet
113Kb / 10P
   4ohm, 360 MHz, Dual SPST Analog Switches
Rev. D, 28-Feb-11
More results

Similar Description - DG3539

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3537 VISHAY-DG3537_11 Datasheet
113Kb / 10P
   4ohm, 360 MHz, Dual SPST Analog Switches
Rev. D, 28-Feb-11
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
100Kb / 7P
   SPST 4-Channel Analog Switches
June 1999
logo
Vishay Siliconix
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
   6-Ω, Low Voltage, Dual SPST Analog Switch
Rev. B, 03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
   0.4-Ω, Low Voltage, Dual SPST Analog Switch
Rev. A, 21-Apr-08
DG2537 VISHAY-DG2537_V01 Datasheet
178Kb / 10P
   4 ??Dual SPST Switches
09-Jul-2021
logo
Maxim Integrated Produc...
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com