Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N32-X000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 4N32-X000
Description  Optocoupler, Photodarlington Output, High Gain, with Base Connection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N32-X000 Datasheet(HTML) 3 Page - Vishay Siliconix

  4N32-X000 Datasheet HTML 1Page - Vishay Siliconix 4N32-X000 Datasheet HTML 2Page - Vishay Siliconix 4N32-X000 Datasheet HTML 3Page - Vishay Siliconix 4N32-X000 Datasheet HTML 4Page - Vishay Siliconix 4N32-X000 Datasheet HTML 5Page - Vishay Siliconix 4N32-X000 Datasheet HTML 6Page - Vishay Siliconix 4N32-X000 Datasheet HTML 7Page - Vishay Siliconix 4N32-X000 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 81865
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.0, 11-Mar-08
3
4N32-X000/4N33-X000
Optocoupler, Photodarlington Output,
High Gain, with Base Connection
Vishay Semiconductors
Note
As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
Fig. 2 - Normalized Non-Saturated and Saturated Collector Emitter
Current vs. LED Current
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
8000
V
VIORM
890
V
PSO
700
mW
ISI
400
mA
TSI
175
°C
Creepage distance
standard DIP-6
7
mm
Clearance distance
standard DIP-6
7
mm
Creepage distance
400 mil DIP-6
8
mm
Clearance distance
400 mil DIP-6
8
mm
Insulation thickness,
reinforced rated
per IEC 60950 2.10.5.1
0.4
mm
i4n32-33_02
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
CE = 5 V
I
F - LED Current (mA)
V
CE = 5 V
I
F = 10 mA
T
A = 25 °C
Normalized to:
V
CE = 1 V
i4n32-33_03
100
1
0.1
0.001
0.01
0.1
1
10
I
F - LED Current (mA)
10
V
CE = 5 V
I
F = 10 mA
T
A = 25 °C
Normalized to:
V
CE = 5 V
V
CE = 1 V


Similar Part No. - 4N32-X000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32-X001 VISHAY-4N32-X001 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
4N32-X006 VISHAY-4N32-X006 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
4N32-X007 VISHAY-4N32-X007 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
4N32-X007T VISHAY-4N32-X007T Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
4N32-X009 VISHAY-4N32-X009 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
More results

Similar Description - 4N32-X000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_08 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 07-May-08
4N33 VISHAY-4N33_V01 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com