Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45196L1687+50 Datasheet(PDF) 8 Page - EPCOS

Part # B45196L1687+50
Description  Tantalum Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196L1687+50 Datasheet(HTML) 8 Page - EPCOS

Back Button B45196L1687+50 Datasheet HTML 4Page - EPCOS B45196L1687+50 Datasheet HTML 5Page - EPCOS B45196L1687+50 Datasheet HTML 6Page - EPCOS B45196L1687+50 Datasheet HTML 7Page - EPCOS B45196L1687+50 Datasheet HTML 8Page - EPCOS B45196L1687+50 Datasheet HTML 9Page - EPCOS B45196L1687+50 Datasheet HTML 10Page - EPCOS B45196L1687+50 Datasheet HTML 11Page - EPCOS B45196L1687+50 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical data and ordering codes
CR
(20
°C, 120 Hz)
µF
Case size
DFmax
(20
°C, 120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
Zmax
(20
°C,
100 kHz)
Ordering code
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
VR (up to 85
°C) = 4 VDC, V
R (up to 125
°C) = 2.5 VDC
3.3
A
6
0.5
9.0
B45196L0335+10*
4.7
A
6
0.5
7.0
B45196L0475+10*
6.8
A
6
0.5
6.0
B45196L0685+10*
10
A
6
0.5
4.5
B45196L0106+10*
10
B
6
0.5
4.5
B45196L0106+20*
15
A
6
0.6
4.0
B45196L0156+10*
15
B
6
0.6
3.5
B45196L0156+20*
22
A
8
0.9
3.5
B45196L0226+10*
22
B
6
0.9
3.0
B45196L0226+20*
22
C
6
0.9
2.4
B45196L0226+30*
33
A
8
1.3
3.0
B45196L0336+10*
33
B
6
1.3
2.5
B45196L0336+20*
33
C
6
1.3
2.0
B45196L0336+30*
47
B
6
1.9
2.3
B45196L0476+20*
47
C
6
1.9
1.6
B45196L0476+30*
68
B
6
2.7
1.8
B45196L0686+20*
68
C
6
2.7
1.5
B45196L0686+30*
68
D
6
2.7
1.1
B45196L0686+40*
100
C
8
4.0
1.4
B45196L0107+30*
100
D
8
4.0
0.8
B45196L0107+40*
150
C
8
6.0
1.3
B45196L0157+30*
150
D
8
6.0
0.8
B45196L0157+40*
220
C
15
8.8
1.2
B45196L0227+30*
220
D
8
8.8
0.8
B45196L0227+40*
330
D
10
13.2
0.9
B45196L0337+40*
330
E
8
13.2
0.8
B45196L0337+50*
470
E
8
18.8
0.6
B45196L0477+50*
680
E
12
27.2
0.6
B45196L0687+50*
1000
E
15
40.0
0.6
B45196L0108+50*
VR (up to 85
°C) = 6.3 VDC, V
R (up to 125
°C) = 4 VDC
2.2
A
6
0.5
10.0
B45196L1225+10*
3.3
A
6
0.5
7.0
B45196L1335+10*
Tantalum chip capacitors
B45196L, B45198L
Automotive
Page 8 of 16
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45196L1687+50

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45196L1686+30 KEMET-B45196L1686+30 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
B45196L1686+40 KEMET-B45196L1686+40 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
More results

Similar Description - B45196L1687+50

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com